Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P87LPC764FN Datasheet(PDF) 50 Page - NXP Semiconductors

Part # P87LPC764FN
Description  Low power, low price, low pin count 20 pin microcontroller with 4 kbyte OTP
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P87LPC764FN Datasheet(HTML) 50 Page - NXP Semiconductors

Back Button P87LPC764FN Datasheet HTML 46Page - NXP Semiconductors P87LPC764FN Datasheet HTML 47Page - NXP Semiconductors P87LPC764FN Datasheet HTML 48Page - NXP Semiconductors P87LPC764FN Datasheet HTML 49Page - NXP Semiconductors P87LPC764FN Datasheet HTML 50Page - NXP Semiconductors P87LPC764FN Datasheet HTML 51Page - NXP Semiconductors P87LPC764FN Datasheet HTML 52Page - NXP Semiconductors P87LPC764FN Datasheet HTML 53Page - NXP Semiconductors P87LPC764FN Datasheet HTML 54Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 56 page
background image
Philips Semiconductors
Preliminary data
87LPC764
Low power, low price, low pin count (20 pin)
microcontroller with 4 kbyte OTP
2001 Oct 26
47
CLEAR RI
tXLXL
CLOCK
tXHQX
tQVXH
OUTPUT DATA
WRITE TO SBUF
INPUT DATA
tXHDV
tXHDX
SET TI
SET RI
SU01187
7
123
456
0
VALID
VALID
VALID
VALID
VALID
VALID
VALID
VALID
Figure 38. Shift Register Mode Timing
SU01188
VDD – 0.5
0.45V
0.2VDD + 0.9
0.2 VDD – 0.1
tCHCL
tCLCH
tCHCX
tCLCX
tC
Figure 39. External Clock Timing
SU01202
100
10
1
10
100
Frequency (kHz)
6.0 V
5.0 V
4.0 V
3.3 V
2.7 V
Figure 40. Typical Idd versus frequency (low frequency
oscillator, 25
°C)
SU01203
1000
100
10
100
10,000
Frequency (kHz)
1,000
6.0 V
5.0 V
2.7 V
6.0 V
5.0 V
4.0 V
3.3 V
2.7 V
Figure 41. Typical Idd versus frequency (medium frequency
oscillator, 25
°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com