Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P87LPC764FN Datasheet(PDF) 20 Page - NXP Semiconductors

Part # P87LPC764FN
Description  Low power, low price, low pin count 20 pin microcontroller with 4 kbyte OTP
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P87LPC764FN Datasheet(HTML) 20 Page - NXP Semiconductors

Back Button P87LPC764FN Datasheet HTML 16Page - NXP Semiconductors P87LPC764FN Datasheet HTML 17Page - NXP Semiconductors P87LPC764FN Datasheet HTML 18Page - NXP Semiconductors P87LPC764FN Datasheet HTML 19Page - NXP Semiconductors P87LPC764FN Datasheet HTML 20Page - NXP Semiconductors P87LPC764FN Datasheet HTML 21Page - NXP Semiconductors P87LPC764FN Datasheet HTML 22Page - NXP Semiconductors P87LPC764FN Datasheet HTML 23Page - NXP Semiconductors P87LPC764FN Datasheet HTML 24Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 56 page
background image
Philips Semiconductors
Preliminary data
87LPC764
Low power, low price, low pin count (20 pin)
microcontroller with 4 kbyte OTP
2001 Oct 26
17
I/O Ports17
The 87LPC764 has 3 I/O ports, port 0, port 1, and port 2. The exact
number of I/O pins available depend upon the oscillator and reset
options chosen. At least 15 pins of the 87LPC764 may be used as
I/Os when a two-pin external oscillator and an external reset circuit
are used. Up to 18 pins may be available if fully on-chip oscillator
and reset configurations are chosen.
All but three I/O port pins on the 87LPC764 may be software
configured to one of four types on a bit-by-bit basis, as shown in
Table 4. These are: quasi-bidirectional (standard 80C51 port
outputs), push-pull, open drain, and input only. Two configuration
registers for each port choose the output type for each port pin.
Table 4. Port Output Configuration Settings
PxM1.y
PxM2.y
Port Output Mode
0
0
Quasi-bidirectional
0
1
Push-Pull
1
0
Input Only (High Impedance)
1
1
Open Drain
Quasi-Bidirectional Output
Configuration
The default port output configuration for standard 87LPC764 I/O
ports is the quasi-bidirectional output that is common on the 80C51
and most of its derivatives. This output type can be used as both an
input and output without the need to reconfigure the port. This is
possible because when the port outputs a logic high, it is weakly
driven, allowing an external device to pull the pin low. When the pin
is pulled low, it is driven strongly and able to sink a fairly large
current. These features are somewhat similar to an open drain
output except that there are three pull-up transistors in the
quasi-bidirectional output that serve different purposes.
One of these pull-ups, called the “very weak” pull-up, is turned on
whenever the port latch for the pin contains a logic 1. The very weak
pull-up sources a very small current that will pull the pin high if it is
left floating.
A second pull-up, called the “weak” pull-up, is turned on when the
port latch for the pin contains a logic 1 and the pin itself is also at a
logic 1 level. This pull-up provides the primary source current for a
quasi-bidirectional pin that is outputting a 1. If a pin that has a logic 1
on it is pulled low by an external device, the weak pull-up turns off,
and only the very weak pull-up remains on. In order to pull the pin
low under these conditions, the external device has to sink enough
current to overpower the weak pull-up and take the voltage on the
port pin below its input threshold.
The third pull-up is referred to as the “strong” pull-up. This pull-up is
used to speed up low-to-high transitions on a quasi-bidirectional port
pin when the port latch changes from a logic 0 to a logic 1. When this
occurs, the strong pull-up turns on for a brief time, two CPU clocks, in
order to pull the port pin high quickly. Then it turns off again.
The quasi-bidirectional port configuration is shown in Figure 10.
SU01159
WEAK
VERY
WEAK
STRONG
PORT
PIN
VDD
2 CPU
CLOCK DELAY
INPUT
DATA
PORT LATCH
DATA
N
PP
P
Figure 10. Quasi-Bidirectional Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com