Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS8601 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # PS8601
Description  HIGH SPEED ANALOG OUTPUT TYPE 8-PIN PHOTOCOUPLER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PS8601 Datasheet(HTML) 3 Page - Renesas Technology Corp

  PS8601 Datasheet HTML 1Page - Renesas Technology Corp PS8601 Datasheet HTML 2Page - Renesas Technology Corp PS8601 Datasheet HTML 3Page - Renesas Technology Corp PS8601 Datasheet HTML 4Page - Renesas Technology Corp PS8601 Datasheet HTML 5Page - Renesas Technology Corp PS8601 Datasheet HTML 6Page - Renesas Technology Corp PS8601 Datasheet HTML 7Page - Renesas Technology Corp PS8601 Datasheet HTML 8Page - Renesas Technology Corp PS8601 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
The mark <R> shows major revised points.
The revised points can be easily searched by copying an "<R>" in the PDF file and specifying it in the "Find what:" field.
DATA SHEET
The information in this document is subject to change without notice. Before using this document, please
confirm that this is the latest version.
Not all products and/or types are available in every country. Please check with an NEC Electronics
sales representative for availability and additional information.
PHOTOCOUPLER
PS8601,PS8601L,PS8601L1,PS8601L2
HIGH SPEED ANALOG OUTPUT TYPE
8-PIN PHOTOCOUPLER
−NEPOC Series−
Document No. PN10262EJ02V0DS (2nd edition)
Date Published May 2006 NS CP(K)
Printed in Japan
1995, 2006
DESCRIPTION
The PS8601 and PS8601L are 8-pin high speed photocouplers containing a GaAIAs LED on input side and a PN
photodiode and a high speed amplifier transistor on output side on one chip. The PS8601 is in a plastic DIP (Dual In-
line Package). The PS8601L is lead bending type (Gull wing) for surface mount.
The PS8601L1 is lead bending type for long creepage distance.
The PS8601L2 is lead bending type for long creepage distance (Gull-wing) for surface mount.
FEATURES
• High supply voltage
(VCC = 35 V MAX.)
• High speed response
(tPHL, tPLH = 0.8
µs MAX.)
• High isolation voltage
(BV = 5 000 Vr.m.s.)
• TTL, CMOS compatible with a resistor
• For Infrared reflow soldering
• Ordering number of tape product : PS8601L-E3, E4: 1 000 pcs/reel
: PS8601L2-E3, E4: 1 000 pcs/reel
• Safety standards
• UL approved: File No. E72422
• BSI approved: No. 8004, 8854
• DIN EN60747-5-2 (VDE0884 Part2) approved (Option)
APPLICATIONS
• Interface for measurement or control equipment
• Substitutions for relays and pulse transformers
<R>
<R>
<R>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com