Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS8601 Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # PS8601
Description  HIGH SPEED ANALOG OUTPUT TYPE 8-PIN PHOTOCOUPLER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PS8601 Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button PS8601 Datasheet HTML 3Page - Renesas Technology Corp PS8601 Datasheet HTML 4Page - Renesas Technology Corp PS8601 Datasheet HTML 5Page - Renesas Technology Corp PS8601 Datasheet HTML 6Page - Renesas Technology Corp PS8601 Datasheet HTML 7Page - Renesas Technology Corp PS8601 Datasheet HTML 8Page - Renesas Technology Corp PS8601 Datasheet HTML 9Page - Renesas Technology Corp PS8601 Datasheet HTML 10Page - Renesas Technology Corp PS8601 Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
Data Sheet PN10262EJ02V0DS
5
PS8601,PS8601L,PS8601L1,PS8601L2
ORDERING INFORMATION
Part Number
Order Number
Solder Plating
Specification
Packing Style
Safety Standard
Approval
Application
Part Number
*1
PS8601
PS8601-A
Pb-Free
Magazine case 50 pcs
Standard products
PS8601
PS8601L
PS8601L-A
(UL, BSI approved)
PS8601L1
PS8601L1-A
PS8601L2
PS8601L2-A
PS8601L-E3
PS8601L-E3-A
Embossed Tape 1 000 pcs/reel
PS8601L-E4
PS8601L-E4-A
PS8601L2-E3
PS8601L2-E3-A
PS8601L2-E4
PS8601L2-E4-A
PS8601-V
PS8601-V-A
Magazine case 50 pcs
DIN EN60747-5-2
PS8601L-V
PS8601L-V
-A
(VDE0884 Part2)
PS8601L1-V
PS8601L1-V-A
Approved (Option)
PS8601L2-V
PS8601L2-V-A
PS8601L-V-E3
PS8601L-V-E3-A
Embossed Tape 1 000 pcs/reel
PS8601L-V-E4
PS8601L-V-E4-A
PS8601L2-V-E3
PS8601L2-V-E3-A
PS8601L2-V-E4
PS8601L2-V-E4-A
*1 For the application of the Safety Standard, following part number should be used.
ABSOLUTE MAXIMUM RATINGS (TA = 25
°C, unless otherwise specified)
Parameter
Symbol
Ratings
Unit
Diode
Forward Current
*1
IF
25
mA
Reverse Voltage
VR
5
V
Power Dissipation
PD
45
mW
Detector
Supply Voltage
VCC
35
V
Output Voltage
VO
35
V
Output Current
IO
8
mA
Power Dissipation
*2
PC
100
mW
Isolation Voltage
*3
BV
5 000
Vr.m.s.
Operating Ambient Temperature
TA
−55 to +100
°C
Storage Temperature
Tstg
−55 to +100
°C
*1 Reduced to 0.25 mA/
°C at TA = 25°C or more.
*2 Applies to output pin VO (collector pin). Reduced to 1.0 mW/
°C at TA = 25°C or more.
*3 AC voltage for 1 minute at TA = 25
°C, RH = 60% between input and output.
Pins 1-4 shorted together, 5-8 shorted together.
<R>
<R>
<R>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com