Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P80C31 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # P80C31
Description  80C51 8-bit microcontroller family 4K/128 OTP/ROM/ROMless low voltage 2.7V.5.5V, low power, high speed 33 MHz
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P80C31 Datasheet(HTML) 2 Page - NXP Semiconductors

  P80C31 Datasheet HTML 1Page - NXP Semiconductors P80C31 Datasheet HTML 2Page - NXP Semiconductors P80C31 Datasheet HTML 3Page - NXP Semiconductors P80C31 Datasheet HTML 4Page - NXP Semiconductors P80C31 Datasheet HTML 5Page - NXP Semiconductors P80C31 Datasheet HTML 6Page - NXP Semiconductors P80C31 Datasheet HTML 7Page - NXP Semiconductors P80C31 Datasheet HTML 8Page - NXP Semiconductors P80C31 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 38 page
background image
Philips Semiconductors
Product specification
80C51/87C51/80C31
80C51 8-bit microcontroller family
4K/128 OTP/ROM/ROMless, low voltage (2.7V–5.5V),
low power, high speed (33 MHz)
2
2000 Jan 20
853–0169 23001
DESCRIPTION
The Philips 8XC51/31 is a high-performance static 80C51 design
fabricated with Philips high-density CMOS technology with operation
from 2.7V to 5.5V.
The 8XC51/31 contains a 4k
× 8 ROM, a 128 × 8 RAM, 32 I/O lines,
three 16-bit counter/timers, a six-source, four-priority level nested
interrupt structure, a serial I/O port for either multi-processor
communications, I/O expansion or full duplex UART, and on-chip
oscillator and clock circuits.
In addition, the device is a low power static design which offers a
wide range of operating frequencies down to zero. Two software
selectable modes of power reduction—idle mode and power-down
mode are available. The idle mode freezes the CPU while allowing
the RAM, timers, serial port, and interrupt system to continue
functioning. The power-down mode saves the RAM contents but
freezes the oscillator, causing all other chip functions to be
inoperative. Since the design is static, the clock can be stopped
without loss of user data and then the execution resumed from the
point the clock was stopped.
SELECTION TABLE
For applications requiring more ROM and RAM,
see the 8XC52/54/58/80C32, 8XC51FA/FB/FC/80C51FA,
and 8XC51RA+/RB+/RC+/80C51RA+ data sheet.
ROM/EPROM
Memory Size
(X by 8)
RAM Size
(X by 8)
Programmable
Timer Counter
(PCA)
Hardware
Watch Dog
Timer
80C31/8XC51
0K/4K
128
No
No
80C32/8XC52/54/58
0K/8K/16K/32K
256
No
No
80C51FA/8XC51FA/FB/FC
0K/8K/16K/32K
256
Yes
No
80C51RA+/8XC51RA+/RB+/RC+
0K/8K/16K/32K
512
Yes
Yes
8XC51RD+
64K
1024
Yes
Yes
FEATURES
• 8051 Central Processing Unit
– 4k
× 8 ROM (80C51)
– 128
× 8 RAM
– Three 16-bit counter/timers
– Boolean processor
– Full static operation
– Low voltage (2.7V to 5.5V@ 16MHz) operation
• Memory addressing capability
– 64k ROM and 64k RAM
• Power control modes:
– Clock can be stopped and resumed
– Idle mode
– Power-down mode
• CMOS and TTL compatible
• TWO speed ranges at V
CC = 5V
– 0 to 16MHz
– 0 to 33MHz
• Three package styles
• Extended temperature ranges
• Dual Data Pointers
• Security bits:
– ROM (2 bits)
– OTP/EPROM (3 bits)
• Encryption array—64 bytes
• 4 level priority interrupt
• 6 interrupt sources
• Four 8-bit I/O ports
• Full–duplex enhanced UART
– Framing error detection
– Automatic address recognition
• Programmable clock out
• Asynchronous port reset
• Low EMI (inhibit ALE)
• Wake-up from Power Down by an external interrupt (8XC51)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com