Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P80C31 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # P80C31
Description  80C51 8-bit microcontroller family 4K/128 OTP/ROM/ROMless low voltage 2.7V.5.5V, low power, high speed 33 MHz
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P80C31 Datasheet(HTML) 3 Page - NXP Semiconductors

  P80C31 Datasheet HTML 1Page - NXP Semiconductors P80C31 Datasheet HTML 2Page - NXP Semiconductors P80C31 Datasheet HTML 3Page - NXP Semiconductors P80C31 Datasheet HTML 4Page - NXP Semiconductors P80C31 Datasheet HTML 5Page - NXP Semiconductors P80C31 Datasheet HTML 6Page - NXP Semiconductors P80C31 Datasheet HTML 7Page - NXP Semiconductors P80C31 Datasheet HTML 8Page - NXP Semiconductors P80C31 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 38 page
background image
Philips Semiconductors
Product specification
80C51/87C51/80C31
80C51 8-bit microcontroller family
4K/128 OTP/ROM/ROMless, low voltage (2.7V–5.5V),
low power, high speed (33 MHz)
2000 Jan 20
3
80C51/87C51 AND 80C31 ORDERING INFORMATION
MEMORY SIZE
4K
× 8
ROMless
TEMPERATURE RANGE
°C
AND PACKAGE
VOLTAGE
RANGE
FREQ.
(MHz)
DWG.
#
ROM
P80C51SBPN
P80C31SBPN
0 to +70 Plastic Dual In line Package
2 7Vto5 5V
0to16
SOT129 1
OTP
P87C51SBPN
P80C31SBPN
0 to +70, Plastic Dual In-line Package
2.7V to 5.5V
0 to 16
SOT129-1
ROM
P80C51SBAA
P80C31SBAA
0 to +70 Plastic Leaded Chip Carrier
2 7Vto5 5V
0to16
SOT187 2
OTP
P87C51SBAA
P80C31SBAA
0 to +70, Plastic Leaded Chip Carrier
2.7V to 5.5V
0 to 16
SOT187-2
ROM
P80C51SBBB
P80C31SBBB
0 to +70 Plastic Quad Flat Pack
2 7Vto5 5V
0to16
SOT307 2
OTP
P87C51SBBB
P80C31SBBB
0 to +70, Plastic Quad Flat Pack
2.7V to 5.5V
0 to 16
SOT307-2
ROM
P80C51SFP N
P80C31SFP N
40 to +85 Plastic Dual In line Package
2 7Vto5 5V
0to16
SOT129 1
OTP
P87C51SFP N
P80C31SFP N
–40 to +85, Plastic Dual In-line Package
2.7V to 5.5V
0 to 16
SOT129-1
ROM
P80C51SFA A
P80C31SFA A
40 to +85 Plastic Leaded Chip Carrier
2 7Vto5 5V
0to16
SOT187 2
OTP
P87C51SFA A
P80C31SFA A
–40 to +85, Plastic Leaded Chip Carrier
2.7V to 5.5V
0 to 16
SOT187-2
ROM
P80C51SFB B
P80C31SFB B
40 to +85 Plastic Quad Flat Pack
2 7Vto5 5V
0to16
SOT307 2
OTP
P87C51SFB B
P80C31SFB B
–40 to +85, Plastic Quad Flat Pack
2.7V to 5.5V
0 to 16
SOT307-2
ROM
P80C51UBAA
P80C31UBAA
0 to +70 Plastic Leaded Chip Carrier
5V
0to33
SOT187 2
OTP
P87C51UBAA
P80C31UBAA
0 to +70, Plastic Leaded Chip Carrier
5V
0 to 33
SOT187-2
ROM
P80C51UBPN
P80C31UBPN
0 to +70 Plastic Dual In line Package
5V
0to33
SOT129 1
OTP
P87C51UBPN
P80C31UBPN
0 to +70, Plastic Dual In-line Package
5V
0 to 33
SOT129-1
ROM
P80C51UBBB
P80C31UBBB
0 to +70 Plastic Quad Flat Pack
5V
0to33
SOT307 2
OTP
P87C51UBBB
P80C31UBBB
0 to +70, Plastic Quad Flat Pack
5V
0 to 33
SOT307-2
ROM
P80C51UFA A
P80C31UFA A
40 to +85 Plastic Leaded Chip Carrier
5V
0to33
SOT187 2
OTP
P87C51UFA A
P80C31UFA A
–40 to +85, Plastic Leaded Chip Carrier
5V
0 to 33
SOT187-2
ROM
P80C51UFPN
P80C31UFPN
40 to +85 Plastic Dual In line Package
5V
0to33
SOT129 1
OTP
P87C51UFPN
P80C31UFPN
–40 to +85, Plastic Dual In-line Package
5V
0 to 33
SOT129-1
ROM
P80C51UFBB
P80C31UFBB
40 to +85 Plastic Quad Flat Pack
5V
0to33
SOT307 2
OTP
P87C51UFBB
P80C31UFBB
–40 to +85, Plastic Quad Flat Pack
5V
0 to 33
SOT307-2
80C51/87C51 AND 80C31 ORDERING INFORMATION
DEVICE NUMBER (P87C51)
OPERATING FREQUENCY, MAX (S)
TEMPERATURE RANGE (B)
PACKAGE (AA)
P80C51 ROM
S = 16 MHz
B = 0
_ to +70_C
AA = PLCC
P87C51 OTP
U = 33 MHz
F = –40
_C to +85_C
BB = PQFP
P80C31 ROMless
PN = PDIP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com