Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P87LPC768FD Datasheet(PDF) 43 Page - NXP Semiconductors

Part # P87LPC768FD
Description  Low power, low price, low pin count 20 pin microcontroller with 4 kB OTP 8-bit A/D,and Pulse Width Modulator
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P87LPC768FD Datasheet(HTML) 43 Page - NXP Semiconductors

Back Button P87LPC768FD Datasheet HTML 39Page - NXP Semiconductors P87LPC768FD Datasheet HTML 40Page - NXP Semiconductors P87LPC768FD Datasheet HTML 41Page - NXP Semiconductors P87LPC768FD Datasheet HTML 42Page - NXP Semiconductors P87LPC768FD Datasheet HTML 43Page - NXP Semiconductors P87LPC768FD Datasheet HTML 44Page - NXP Semiconductors P87LPC768FD Datasheet HTML 45Page - NXP Semiconductors P87LPC768FD Datasheet HTML 46Page - NXP Semiconductors P87LPC768FD Datasheet HTML 47Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 64 page
background image
Philips Semiconductors
Preliminary data
87LPC768
Low power, low price, low pin count (20 pin) microcontroller
with 4 kB OTP 8-bit A/D, Pulse Width Modulator
2001 Aug 06
41
Baud Rates
The baud rate in Mode 0 is fixed: Mode 0 Baud Rate = CPU clock/6.
The baud rate in Mode 2 depends on the value of bit SMOD1 in
Special Function Register PCON. If SMOD1 = 0 (which is the value
on reset), the baud rate is 1/32 of the CPU clock frequency. If
SMOD1 = 1, the baud rate is 1/16 of the CPU clock frequency.
Mode 2 Baud Rate
+ 1 ) SMOD1
32
CPU clock frequency
Using Timer 1 to Generate Baud Rates
When Timer 1 is used as the baud rate generator, the baud rates in
Modes 1 and 3 are determined by the Timer 1 overflow rate and the
value of SMOD1. The Timer 1 interrupt should be disabled in this
application. The Timer itself can be configured for either “timer” or
“counter” operation, and in any of its 3 running modes. In the most
typical applications, it is configured for “timer” operation, in the
auto-reload mode (high nibble of TMOD = 0010b). In that case the
baud rate is given by the formula:
Mode 1, 3 Baud Rate
+
CPU clock frequency
192 (or96ifSMOD1
+ 1)
256
* (TH1)
Tables 6 and 7 list various commonly used baud rates and how they
can be obtained using Timer 1 as the baud rate generator.
Table 11. Baud Rates, Timer Values, and CPU Clock Frequencies for SMOD1 = 0
Timer Co nt
Baud Rate
Timer Count
2400
4800
9600
19.2k
38.4k
57.6k
–1
0.4608
0.9216
* 1.8432
* 3.6864
* 7.3728
* 11.0592
–2
0.9216
1.8432
* 3.6864
* 7.3728
* 14.7456
–3
1.3824
2.7648
5.5296
* 11.0592
–
–
–4
* 1.8432
* 3.6864
* 7.3728
* 14.7456
–
–
–5
2.3040
4.6080
9.2160
* 18.4320
–
–
–6
2.7648
5.5296
* 11.0592
–
–
–
–7
3.2256
6.4512
12.9024
–
–
–
–8
* 3.6864
* 7.3728
* 14.7456
–
–
–
–9
4.1472
8.2944
16.5888
–
–
–
–10
4.6080
9.2160
* 18.4320
–
–
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com