Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P87LPC768FD Datasheet(PDF) 36 Page - NXP Semiconductors

Part # P87LPC768FD
Description  Low power, low price, low pin count 20 pin microcontroller with 4 kB OTP 8-bit A/D,and Pulse Width Modulator
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P87LPC768FD Datasheet(HTML) 36 Page - NXP Semiconductors

Back Button P87LPC768FD Datasheet HTML 32Page - NXP Semiconductors P87LPC768FD Datasheet HTML 33Page - NXP Semiconductors P87LPC768FD Datasheet HTML 34Page - NXP Semiconductors P87LPC768FD Datasheet HTML 35Page - NXP Semiconductors P87LPC768FD Datasheet HTML 36Page - NXP Semiconductors P87LPC768FD Datasheet HTML 37Page - NXP Semiconductors P87LPC768FD Datasheet HTML 38Page - NXP Semiconductors P87LPC768FD Datasheet HTML 39Page - NXP Semiconductors P87LPC768FD Datasheet HTML 40Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 64 page
background image
Philips Semiconductors
Preliminary data
87LPC768
Low power, low price, low pin count (20 pin) microcontroller
with 4 kB OTP 8-bit A/D, Pulse Width Modulator
2001 Aug 06
34
Table 10. Sources of Wakeup from Power Down Mode
Wakeup Source
Conditions
External Interrupt 0 or 1
The corresponding interrupt must be enabled.
Keyboard Interrupt
The keyboard interrupt feature must be enabled and properly set up. The corresponding interrupt must be
enabled.
Comparator 1 or 2
The comparator(s) must be enabled and properly set up. The corresponding interrupt must be enabled.
Watchdog Timer Reset
The watchdog timer must be enabled via the WDTE bit in the UCFG1 EPROM configuration byte.
Watchdog Timer Interrupt
The WDTE bit in the UCFG1 EPROM configuration byte must not be set. The corresponding interrupt must
be enabled.
Brownout Detect Reset
The BOD bit in AUXR1 must not be set (brownout detect not disabled). The BOI bit in AUXR1 must not be
set (brownout interrupt disabled).
Brownout Detect Interrupt
The BOD bit in AUXR1 must not be set (brownout detect not disabled). The BOI bit in AUXR1 must be set
(brownout interrupt enabled). The corresponding interrupt must be enabled.
Reset Input
The external reset input must be enabled.
A/D converter
Must use internal RC clock (RCCLK = 1) for A/D converter to work in Power Down mode. The A/D must be
enabled and properly set up. The corresponding interrupt must be enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com