Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP384XG Datasheet(PDF) 2 Page - Advanced Analogic Technologies

Part # AP384XG
Description  GREEN MODE PWM CONTROLLER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AP384XG Datasheet(HTML) 2 Page - Advanced Analogic Technologies

  AP384XG Datasheet HTML 1Page - Advanced Analogic Technologies AP384XG Datasheet HTML 2Page - Advanced Analogic Technologies AP384XG Datasheet HTML 3Page - Advanced Analogic Technologies AP384XG Datasheet HTML 4Page - Advanced Analogic Technologies AP384XG Datasheet HTML 5Page - Advanced Analogic Technologies AP384XG Datasheet HTML 6Page - Advanced Analogic Technologies AP384XG Datasheet HTML 7Page - Advanced Analogic Technologies AP384XG Datasheet HTML 8Page - Advanced Analogic Technologies AP384XG Datasheet HTML 9Page - Advanced Analogic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
GREEN MODE PWM CONTROLLER
AP384XG
Preliminary Datasheet
BCD Semiconductor Manufacturing Limited
Figure 2. Pin Configuration of AP384XG
P/M Package
(DIP-8/SOIC-8)
Pin Configuration
COMP
CS
FB
RT/CT
8
REF
7
VCC
6
OUTPUT
5
GND
1
2
3
4
Pin Description
Pin Number
Pin Name
Function
1
COMP
This pin is the Error Amplifier output and is made available for loop compensation.
2
FB
The inverting input of the Error Amplifier. It is normally connected to the switching power
supply output through an external resistor divider.
3
CS
It is used either for current sense (normal mode) or skip cycle level selection (standby mode).
4RT/CT
The oscillator frequency and maximum output duty cycle are programmed by connecting
resistor RT to REF and capacitor CT to ground.
5
GND
The ground pin.
6
OUTPUT
This output directly drives the gate of a power MOSFET. Peak currents up to 1.0 A are
sourced and sunk by this pin.
7
VCC
The power supply pin.
8REF
This is the reference output. It provides charging current for capacitor CT through resistor RT.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com