Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP384XG Datasheet(PDF) 4 Page - Advanced Analogic Technologies

Part # AP384XG
Description  GREEN MODE PWM CONTROLLER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AP384XG Datasheet(HTML) 4 Page - Advanced Analogic Technologies

  AP384XG Datasheet HTML 1Page - Advanced Analogic Technologies AP384XG Datasheet HTML 2Page - Advanced Analogic Technologies AP384XG Datasheet HTML 3Page - Advanced Analogic Technologies AP384XG Datasheet HTML 4Page - Advanced Analogic Technologies AP384XG Datasheet HTML 5Page - Advanced Analogic Technologies AP384XG Datasheet HTML 6Page - Advanced Analogic Technologies AP384XG Datasheet HTML 7Page - Advanced Analogic Technologies AP384XG Datasheet HTML 8Page - Advanced Analogic Technologies AP384XG Datasheet HTML 9Page - Advanced Analogic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
GREEN MODE PWM CONTROLLER
AP384XG
Preliminary Datasheet
BCD Semiconductor Manufacturing Limited
Parameter
Symbol
Value
Unit
Supply Voltage
Vcc
30
V
Gate Output Current
Io
± 1
A
Analog Inputs (pin2, 3)
V(ANA)
-0.3 to 6.3
V
Error Amp Output Sink Current
ISINK(E.A)
20
mA
Power Dissipation at TA< 25 oC (DIP-8)
PD (Note 3)
1000
mW
Power Dissipation at TA<25 oC (SOIC-8)
PD (Note 3)
460
mW
Storage Temperature Range
TSTG
-65 to 150
oC
Ambient Temperature
TA
-40 to 85
oC
Lead Temperature (Soldering, 10sec)
TLEAD
+300
oC
ESD (Machine Model)
300
V
Note 1:
Stresses greater than those listed under "Absolute Maximum Ratings" may cause permanent damage to the
device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indi-
cated under "Recommended Operating Conditions" is not implied. Exposure to "Absolute Maximum Ratings" for extended
periods may affect device reliability.
Note 2: All voltages are with respect to pin GND and all currents are positive into specified terminal.
Note 3: Board thickness 1.6mm, board dimension 90mm
x 90mm.
Absolute Maximum Ratings (Note 1, 2)
Parameter
Symbol
Min
Max
Unit
Oscillation Frequency
f
500
KHz
Ambient Temperature
TA
-40
85
oC
Recommended Operating Conditions



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com