Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX88658AB Datasheet(PDF) 22 Page - ASIX Electronics Corporation

Part # AX88658AB
Description  8-Port 10/100/1000BASE-T Ethernet Switch
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88658AB Datasheet(HTML) 22 Page - ASIX Electronics Corporation

Back Button AX88658AB Datasheet HTML 18Page - ASIX Electronics Corporation AX88658AB Datasheet HTML 19Page - ASIX Electronics Corporation AX88658AB Datasheet HTML 20Page - ASIX Electronics Corporation AX88658AB Datasheet HTML 21Page - ASIX Electronics Corporation AX88658AB Datasheet HTML 22Page - ASIX Electronics Corporation AX88658AB Datasheet HTML 23Page - ASIX Electronics Corporation AX88658AB Datasheet HTML 24Page - ASIX Electronics Corporation AX88658AB Datasheet HTML 25Page - ASIX Electronics Corporation AX88658AB Datasheet HTML 26Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 36 page
background image
ASIX ELECTRONICS CORPORATION
22
AX88658AB 8-Port 10/100/1000BASE-T Ethernet Switch
CONFIDENTIAL
4.28 Register 1E
BIT
R/W
DESCRIPTION
15:8
R/W
Update Source MAC For Security Mode of each Port
0: keep one Source MAC
1: update the Source MAC
7:0
R/W
OneSaSecurityMode[7:0]
0: disable
1: active
4.28 Register 1F
BIT
R/W
DESCRIPTION
15:8
R/W
GCLK125MHz_Dly_1ns_n[7:0]
0: Delay 1ns
1: no delay
7:5
R/W
Target Port for Port-based Mirror
4:1
R/W
Max Length of Jumbo Packet: from 1K to 15K Byte
0
R/W
Accept Jumbo Enable
0: drop jumbo packets
1: accept jumbo packets



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com