Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX88658AB Datasheet(PDF) 9 Page - ASIX Electronics Corporation

Part # AX88658AB
Description  8-Port 10/100/1000BASE-T Ethernet Switch
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88658AB Datasheet(HTML) 9 Page - ASIX Electronics Corporation

Back Button AX88658AB Datasheet HTML 5Page - ASIX Electronics Corporation AX88658AB Datasheet HTML 6Page - ASIX Electronics Corporation AX88658AB Datasheet HTML 7Page - ASIX Electronics Corporation AX88658AB Datasheet HTML 8Page - ASIX Electronics Corporation AX88658AB Datasheet HTML 9Page - ASIX Electronics Corporation AX88658AB Datasheet HTML 10Page - ASIX Electronics Corporation AX88658AB Datasheet HTML 11Page - ASIX Electronics Corporation AX88658AB Datasheet HTML 12Page - ASIX Electronics Corporation AX88658AB Datasheet HTML 13Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 36 page
background image
ASIX ELECTRONICS CORPORATION
9
AX88658AB 8-Port 10/100/1000BASE-T Ethernet Switch
CONFIDENTIAL
COL1
I/PD
V12
Collision Detect: Please references section 2.1.1.
CRS1
I/PD
U12
Carrier Sense: Please references section 2.1.1.
RX_DV1
I
W11
Receive Data Valid: Please references section 2.1.1.
RX_CLK1
I
V11
Receive Clock Input: Please references section 2.1.1.
RXD1[7:0]
I/PD Y11, U10, V10
W10, Y10
U9, V9, W9
Receive Data: Please references section 2.1.1.
2.1.3 RGMII/GMII/MII Interface Port 2
Signal Name
I/O
Pin No.
Description
GTX_CLK2
O
Y15
125MHz Clock Output: Please references section 2.1.1.
TX_EN2
O
U14
Transmit Enable: Please references section 2.1.1.
TXD2[7:0]
O
V14, W14,
Y14, V13,
W13,Y13,
W12, Y12
Transmit Data: Please references section 2.1.1.
TX_CLK2
I/PD
W18
MII Transmit Clock Input: Please references section 2.1.1.
COL2
I/PD
Y19
Collision Detect: Please references section 2.1.1.
CRS2
I/PD
W19
Carrier Sense: Please references section 2.1.1.
RX_DV2
I
V17
Receive Data Valid: Please references section 2.1.1.
RX_CLK2
I
Y18
Receive Clock Input: Please references section 2.1.1.
RXD2[7:0]
I/PD
W17, Y17,
U16, V16,
W16, Y16,
V15, W15
Receive Data: Please references section 2.1.1.
2.1.4 RGMII/GMII/MII Interface Port 3
Signal Name
I/O
Pin No.
Description
GTX_CLK3
O
T20
125MHz Clock Output: Please references section 2.1.1.
TX_EN3
O
U17
Transmit Enable: Please references section 2.1.1.
TXD3[7:0]
O
U18, U19,
U20, V18,
V19, V20,
W20, Y20
Transmit Data: Please references section 2.1.1.
TX_CLK3
I/PD
P17
MII Transmit Clock Input: Please references section 2.1.1.
COL3
I/PD
N20
Collision Detect: Please references section 2.1.1.
CRS3
I/PD
N19
Carrier Sense: Please references section 2.1.1.
RX_DV3
I
P19
Receive Data Valid: Please references section 2.1.1.
RX_CLK3
I
P18
Receive Clock Input: Please references section 2.1.1.
RXD3[7:0]
I/PD P20, R17, R18,
R19, R20, T17,
T18, T19
Receive Data: Please references section 2.1.1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com