Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56307/D Datasheet(PDF) 2 Page - NXP Semiconductors

Part # DSP56307/D
Description  DSP56307EVM Evaluation Module
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

DSP56307/D Datasheet(HTML) 2 Page - NXP Semiconductors

  DSP56307/D Datasheet HTML 1Page - NXP Semiconductors DSP56307/D Datasheet HTML 2Page - NXP Semiconductors DSP56307/D Datasheet HTML 3Page - NXP Semiconductors DSP56307/D Datasheet HTML 4Page - NXP Semiconductors DSP56307/D Datasheet HTML 5Page - NXP Semiconductors DSP56307/D Datasheet HTML 6Page - NXP Semiconductors DSP56307/D Datasheet HTML 7Page - NXP Semiconductors DSP56307/D Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
DSP56307EVM Product Brief
MOTOROLA
DSP56307
FEATURES
Hardware
•
24-bit DSP56307 Digital Signal Processor
–
High -Performance DSP56300 core
•
100 Million Instructions Per Second (MIPS) with a 100-MHz clock at 2.5-V core and
3.3 V I/O
•
Object code compatible with the DSP56000 core
•
Highly-parallel instruction set
•
Data Arithmetic Logic Unit (ALU)
•
Fully pipelined 24-x 24-bit parallel multiplier-accumulator
•
56-bit parallel barrel shifter
•
Conditional ALU instructions
•
24-bit or 16-bit arithmetic support under software control
•
Position Independent Code (PIC) support
•
Addressing modes optimized for DSP applications (including immediate offsets)
•
On-chip memory-expandable hardware stack
•
Nested hardware DO loops
•
Fast auto-return interrupts
•
On-chip concurrent six-channel DMA controller
•
On-chip Phase-Locked Loop (PLL)
•
On-Chip Emulation (OnCE
™) module
•
JTAG port
•
Address tracing mode reflects internal program RAM accesses at the external port
–
Enhanced Filter Coprocessor (EFCOP)
•
On-chip filtering and echo-cancellation coprocessor runs in parallel to the DSP core
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com