Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56307/D Datasheet(PDF) 1 Page - NXP Semiconductors

Part # DSP56307/D
Description  DSP56307EVM Evaluation Module
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

DSP56307/D Datasheet(HTML) 1 Page - NXP Semiconductors

  DSP56307/D Datasheet HTML 1Page - NXP Semiconductors DSP56307/D Datasheet HTML 2Page - NXP Semiconductors DSP56307/D Datasheet HTML 3Page - NXP Semiconductors DSP56307/D Datasheet HTML 4Page - NXP Semiconductors DSP56307/D Datasheet HTML 5Page - NXP Semiconductors DSP56307/D Datasheet HTML 6Page - NXP Semiconductors DSP56307/D Datasheet HTML 7Page - NXP Semiconductors DSP56307/D Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
MOTOROLA
SEMICONDUCTOR PRODUCT BRIEF
DSP56307EVM
Order this document by:
DSP56307EVMP/D
© MOTOROLA, INC. 1998
Advance Information
This document contains information on a new product. Specifications and information herein are subject to change without notice.
DSP56307EVM Evaluation Module
The DSP56307 Evaluation Module (DSP56307EVM) is a low-cost platform for developing real-time
software and hardware products to support a new generation of wireless, telecommunications, and
multimedia applications. The DSP56307EVM targets applications requiring a large amount of on-chip
memory such as wireless infrastructure applications. The Enhanced Filter Coprocessor (EFCOP) can
accelerate general filtering algorithms, such as finite impulse response (FIR) filters, infinite impulse
response (IIR) filters; the EFCOP can also adapt FIR filters as multi-channel filters used in echo
cancellation , correlation, and general-purpose convolution-based algorithms. The user can download
software to on-chip or on-board RAM, then run and debug it. The user can also connect hardware, such as
external memories and analog-to-digital (A/D) or digital-to-analog (D/A) converters, for product
development. The 24-bit precision of the DSP56307 Digital Signal Processor (DSP) combined with the on-
board 64K of external SRAM and Crystal Semiconductor’s CS4218 stereo, CD-quality, audio codec
ideally suits the DSP56307EVM for implementing and demonstrating many communications and audio
processing algorithms. It is also an effective tool for learning the architecture and instruction set of the
DSP56307 processor. Figure 1 shows the functional block diagram for the DSP56307EVM.
Figure 1 DSP56307EVM Functional Block Diagram
CS4128
DSP56307
DSP56002
JTAG/
ESSI0
SSI
SCI
J5
J8
EXTAL
EXTAL
H
O
S
T
FSRAM
Flash
Address Bus
Data Bus
In
Headphone
Out
RS-232
12.288 MHz
19.6608 MHz
P
C
SCLK
153.6 kHz
Oscillator
OnCE™Port
128K
× 8
64K
× 24
J4
ESSI1
Control
Data
Oscillator
CLKIN
J3
HOST
PORT
AA1658
H
O
S
T
RS-232
P
C
SCI
J7
J10
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Similar Part No. - DSP56307/D

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
DSP56307/D MOTOROLA-DSP56307/D Datasheet
947Kb / 156P
24-BIT DIGITAL SIGNAL PROCESSOR
logo
NXP Semiconductors
DSP56307/D NXP-DSP56307/D Datasheet
1Mb / 156P
24-BIT DIGITAL SIGNAL PROCESSOR
Rev. 0
More results

Similar Description - DSP56307/D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61090EVM-029 TI-TPS61090EVM-029 Datasheet
224Kb / 18P
EVALUATION MODULE
ADS126XEVM-PDK TI1-ADS126XEVM-PDK Datasheet
2Mb / 38P
Evaluation module
logo
Figaro Engineering Inc.
EM3870A FIGARO-EM3870A Datasheet
287Kb / 2P
Evaluation Module
EM5141A FIGARO-EM5141A Datasheet
320Kb / 2P
Evaluation Module
EM7160 FIGARO-EM7160 Datasheet
388Kb / 2P
Evaluation Module
EM8100 FIGARO-EM8100 Datasheet
419Kb / 2P
Evaluation Module
logo
Recom International Pow...
RPX-2.5-EVM-1 RECOM-RPX-2.5-EVM-1 Datasheet
1Mb / 5P
Evaluation Module
RPMB-2.0-EVM-1 RECOM-RPMB-2.0-EVM-1 Datasheet
440Kb / 7P
Evaluation Module
RPMB-3.0-EVM-1 RECOM-RPMB-3.0-EVM-1 Datasheet
440Kb / 7P
Evaluation Module
logo
Linx Technologies
EVM-900-RC-CAS LINX-EVM-900-RC-CAS Datasheet
1Mb / 7P
Evaluation Module
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com