Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT43USB351M Datasheet(PDF) 21 Page - ATMEL Corporation

Part # AT43USB351M
Description  Full-speed/Low-speed USB Microcontroller with ADC and PWM
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT43USB351M Datasheet(HTML) 21 Page - ATMEL Corporation

Back Button AT43USB351M Datasheet HTML 17Page - ATMEL Corporation AT43USB351M Datasheet HTML 18Page - ATMEL Corporation AT43USB351M Datasheet HTML 19Page - ATMEL Corporation AT43USB351M Datasheet HTML 20Page - ATMEL Corporation AT43USB351M Datasheet HTML 21Page - ATMEL Corporation AT43USB351M Datasheet HTML 22Page - ATMEL Corporation AT43USB351M Datasheet HTML 23Page - ATMEL Corporation AT43USB351M Datasheet HTML 24Page - ATMEL Corporation AT43USB351M Datasheet HTML 25Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 101 page
background image
21
AT43USB351M
3302E–USB–7/04
Figure 6. AT43USB351M Interrupt Structure
Reset Sources
The AT43USB351M has four sources of reset:
•
Power-on Reset – The MCU is reset when the supply voltage is below the power-on reset
threshold.
•
External Reset – The MCU is reset when a low level is present on the RESETN pin for
more than 50 ns.
•
Watchdog Reset – The MCU is reset when the watchdog timer period expires and the
watchdog is enabled.
•
USB Reset – The AT43USB351M has a feature to separate the USB and microcontroller
resets. This feature is enabled by setting the BUS INT EN, bit 3 of the SPRSIE register. A
USB bus reset is defined as a SE0 (single ended zero) of at least 4 slow speed USB clock
cycles received by Port0. The internal reset pulse to the USB hardware and
microcontroller lasts for 24 oscillator periods.
–
Resets not separated: A USB bus reset will also reset the microcontroller.
–
Separated reset: A USB bus reset will only reset the USB hardware, while an
interrupt to the microcontroller will be generated if the BUS INT MSK bit, bit 3 of
SPRSMSK register, is also set.
Suspend/Resume
Register
Suspend/Resume
Interrupt Enable
Register
Suspend/Resume
Interrupt Mask
Register
USB Interrupt
Flag Register
USB Interrupt
Enable Register
USB Interrupt
Mask Register
USB
ADC
SPI STC
TIMER0 OVF
TIMER1 OVF
TIMER1 COMPB
TIMER1 COMPA
TIMER1CAPT
INT1
INT0
RESET
Microcontroller
Interrupt
Logic
13
12
9
8
7
6
5
4
3
2
1
SOF
FEP4
FEP3
FEP2
FEP1
FEP0
RESERVED
RESERVED
FRMWUP
RSM
GLB SUSP
BUS RESET



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com