Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT43USB351M Datasheet(PDF) 39 Page - ATMEL Corporation

Part # AT43USB351M
Description  Full-speed/Low-speed USB Microcontroller with ADC and PWM
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT43USB351M Datasheet(HTML) 39 Page - ATMEL Corporation

Back Button AT43USB351M Datasheet HTML 35Page - ATMEL Corporation AT43USB351M Datasheet HTML 36Page - ATMEL Corporation AT43USB351M Datasheet HTML 37Page - ATMEL Corporation AT43USB351M Datasheet HTML 38Page - ATMEL Corporation AT43USB351M Datasheet HTML 39Page - ATMEL Corporation AT43USB351M Datasheet HTML 40Page - ATMEL Corporation AT43USB351M Datasheet HTML 41Page - ATMEL Corporation AT43USB351M Datasheet HTML 42Page - ATMEL Corporation AT43USB351M Datasheet HTML 43Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 101 page
background image
39
AT43USB351M
3302E–USB–7/04
8-bit
Timer/Counter0
The 8-bit Timer/Counter0 can select clock source from CK, prescaled CK or an external pin. In
addition it can be stopped as described in the specification for the Timer/Counter0 Control
Register (TCCR0). The overflow status flag is found in the Timer/Counter Interrupt Flag Regis-
ter (TIFR). Control signals are found in the Timer/Counter0 Control Register (TCCR0). The
interrupt enable/disable settings for Timer/Counter0 are found in the Timer/Counter Interrupt
Mask Register - TIMSK.
When Timer/Counter0 is externally clocked, the external signal is synchronized with the oscil-
lator frequency of the CPU. To assure proper sampling of the external clock, the minimum
time between two external clock transitions must be at least one internal CPU clock period.
The external clock signal is sampled on the rising edge of the internal CPU clock.
The 8-bit Timer/Counter0 features both a high resolution and a high accuracy usage with the
lower prescaling opportunities. Similarly, the high prescaling opportunities make the
Timer/Counter0 useful for lower speed functions or exact timing functions with infrequent
actions.
Figure 11. Timer/Counter0 Block Diagram
Control
Logic
Timer/Counter0
(TCNT0)
Timer Int. Mask Register
(TIMSK)
Timer Int. Flag Register
(TIFR)
T/C0 Control Register
(TCCR0)
T/C Clock Source
70
CK
T0
T/C0
Overflow IRQ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com