Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RAA271000 Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # RAA271000
Description  General-Purpose Power Management IC for Automotive Applications
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RAA271000 Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button RAA271000 Datasheet HTML 17Page - Renesas Technology Corp RAA271000 Datasheet HTML 18Page - Renesas Technology Corp RAA271000 Datasheet HTML 19Page - Renesas Technology Corp RAA271000 Datasheet HTML 20Page - Renesas Technology Corp RAA271000 Datasheet HTML 21Page - Renesas Technology Corp RAA271000 Datasheet HTML 22Page - Renesas Technology Corp RAA271000 Datasheet HTML 23Page - Renesas Technology Corp RAA271000 Datasheet HTML 24Page - Renesas Technology Corp RAA271000 Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 105 page
background image
R16DS0051EU0101 Rev.1.01
Page 21
May 23, 2022
RAA271000 Datasheet
6.1.2
SPI Configuration
The following register bits configure the SPI operation:
▪ IO_SPICPOL: SPI clock polarity, RAA271000 is configured as active high, IO_SPICPOL = 0.
▪ IO_SPICPHA: SPI clock phase, RAA271000 samples data on rising edge of SPI clock, IO_SPICPHA = 0.
The four possible modes of clocking are shown in Figure 15.
▪ IO_SPIRWPOL: R/W bit polarity, RAA271000 SPI_RWPOL is set to 0, 1: Read, 0: Write.
▪ IO_SPIMODE: Packet length enable. The RAA271000 uses packet length mode by default, which means, the
third data byte from master is the packet length and indicates the total number of data words to be
sent/received in a burst transaction.
Figure 15. Four Possible Clocking Modes
Table 5. SPI_RWPOL R/W Bit Settings
SPI_RWPOL
R/W
Operation
00
Write
0
1
Read
SS_B
SPI_CLK:IO_SPICPOL = 0
SPI_CLK:IO_SPICPOL = 1
MISO:IO_SPIPCPHA = 0
MOSI:IO_SPIPCPHA = 0
MISO:IO_SPIPCPHA = 1
MOSI:IO_SPIPCPHA = 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com