Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DA7280 Datasheet(PDF) 61 Page - Renesas Technology Corp

Part # DA7280
Description  Wideband LRA/ERM Haptic Driver for Automotive Applications
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA7280 Datasheet(HTML) 61 Page - Renesas Technology Corp

Back Button DA7280 Datasheet HTML 57Page - Renesas Technology Corp DA7280 Datasheet HTML 58Page - Renesas Technology Corp DA7280 Datasheet HTML 59Page - Renesas Technology Corp DA7280 Datasheet HTML 60Page - Renesas Technology Corp DA7280 Datasheet HTML 61Page - Renesas Technology Corp DA7280 Datasheet HTML 62Page - Renesas Technology Corp DA7280 Datasheet HTML 63Page - Renesas Technology Corp DA7280 Datasheet HTML 64Page - Renesas Technology Corp DA7280 Datasheet HTML 65Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 80 page
background image
DA7280-Automotive
Wideband LRA/ERM Haptic Driver for Automotive
Applications
Datasheet
Revision 1.4
01-Mar-2022
CFR0011-120-00
61 of 79
© 2022 Renesas Electronics
Table 28: ACTUATOR1 (0x000C)
Bit
Mode
Symbol
Description
Reset
[7:0
]
RW
ACTUATOR_NO
MMAX
Nominal actuator voltage rating, unsigned, see Section 5.6.2
Sets full-scale of unsigned haptic waveform when acceleration
enabled (ACCELERATION_EN = 1)
������������������������������������������������_������������������������������������ =
������������������������������������������������������_������������������������������������
23.4 × 10−3
Default: 0x5A = 2.106 V
0x5A
Table 29: ACTUATOR2 (0x000D)
Bit
Mode
Symbol
Description
Reset
[7:0
]
RW
ACTUATOR_AB
SMAX
Absolute actuator maximum voltage rating, see Section 5.6.2.
Overdrive is limited to this value when acceleration enabled
(ACCELERATION_EN = 1)
Sets full-scale of unsigned haptic waveform when acceleration
disabled
������������������������������������������������_������������������������������������ =
������������������������������������������������������_������������������������������������
23.4 × 10−3
Default: 0x78 = 2.808 V
0x78
Table 30: ACTUATOR3 (0x000E)
Bit
Mode
Symbol
Description
Reset
[4:0]
RW
IMAX
Actuator max current rating
������������������������ =
������max _������������������������������������������������_������������ − 28.6
7.2
where Imax_actuator_mA is the actuator max rated current in mA, as
listed in its datasheet, see Section 5.6.2.
Default: 0x17 = 194 mA
0x17
Table 31: CALIB_V2I_H (0x000F)
Bit
Mode
Symbol
Description
Reset
[7:0
]
RW
V2I_FACTOR_H
MS-bits for translating actuator impedance to output voltage
drive level
������2������_������������������������������������[15: 0] =
������ × (������������������������[4: 0] + 4)
1.6104
������2������_������������������������������������_������[7: 0]
=
������2������_������������������������������������[15: 0] − ������2������_������������������������������������_������[7: 0]
256
������2������_������������������������������������_������[7: 0]
= ������2������_������������������������������������[15: 0]
− 256 × ������2������_������������������������������������_������[7: 0]
Where V2I_FACTOR[15:0] is the 16-bit concatenation of
V2I_FACTOR_H[7:0] and V2I_FACTOR_L[7:0], Z is the
impedance of the actuator in
Ω (as read from its datasheet),
and IMAX[4:0] is the 5-bit value of IMAX, see Section 5.6.2.
0x01



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com