Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DA7280 Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # DA7280
Description  Wideband LRA/ERM Haptic Driver for Automotive Applications
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA7280 Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button DA7280 Datasheet HTML 17Page - Renesas Technology Corp DA7280 Datasheet HTML 18Page - Renesas Technology Corp DA7280 Datasheet HTML 19Page - Renesas Technology Corp DA7280 Datasheet HTML 20Page - Renesas Technology Corp DA7280 Datasheet HTML 21Page - Renesas Technology Corp DA7280 Datasheet HTML 22Page - Renesas Technology Corp DA7280 Datasheet HTML 23Page - Renesas Technology Corp DA7280 Datasheet HTML 24Page - Renesas Technology Corp DA7280 Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 80 page
background image
DA7280-Automotive
Wideband LRA/ERM Haptic Driver for Automotive
Applications
Datasheet
Revision 1.4
01-Mar-2022
CFR0011-120-00
21 of 79
© 2022 Renesas Electronics
5.2.2
Operating Modes
DA7280-A offers multiple operating modes for use in different applications and to minimize power
consumption, see Table 11.
Table 11: Operating Modes
Operating Mode
Description
OPERATION_MODE
Inactive
System waits in IDLE or STANDBY state based on
STANDBY_EN setting
0
Direct register override
(DRO)
Playback streaming via I2C; input written to
OVERRIDE_VAL
1
Pulse width modulated
(PWM)
Playback streaming from PWM data input source on
pin GPI_0/PWM
2
Register triggered waveform
memory (RTWM)
Playback from Waveform Memory triggered only by
I2C write to SEQ_START
3
Edge triggered waveform
memory (ETWM)
Playback from Waveform Memory triggered by
rising/falling edge on any of three GPIs or via I2C
write to SEQ_START
4
5.2.3
Inactive Mode
DA7280-A can be configured to automatically return to IDLE state (for lower IQ) or STANDBY state
(for minimized latency) after completion of playback, see Section 5.2.1. In both states the register
contents are retained. DA7280-A remains in Inactive mode until it receives a playback request via
either the GPI pins or I2C (providing any faults in the fault registers have been cleared, see Section
5.6.6).
In the event of a fault the system will automatically return to the IDLE state, see Section 5.6.6.
5.2.4
Direct Register Override Mode
In DRO mode haptic sequences are streamed to DA7280-A via I2C input. The drive level of the
output is set via OVERRIDE_VAL. For optimal start-up timing, update OVERRIDE_VAL before
setting OPERATION_MODE = 1. OVERRIDE_VAL is treated as a two's complement proportional
value where:
If ACCELERATION_EN = 1, the output drive level is equal to the value in OVERRIDE_VAL multiplied
by the voltage stored in ACTUATOR_NOMMAX. OVERRIDE_VAL is interpreted as a proportion
between 0 % (0x00) and 100 % (0x7F). The range from 0xFF to 0x80 is not used, see Figure 30. If
enabled, the automatic Active Acceleration and Rapid Stop features will take the output up to the
voltage in ACTUATOR_ABSMAX and/or reverse the drive level to be negative during level
transitions, but in steady state the value will always scale to the voltage in ACTUATOR_NOMMAX.
If ACCELERATION_EN = 0, the output drive level is equal to the value in OVERRIDE_VAL multiplied
by the voltage stored in ACTUATOR_ABSMAX. In this case OVERRIDE_VAL is interpreted as a
proportion between -100% (0x80) and 100% (0x7F), see Figure 31. When DA7280-A is set up to
drive an ERM, the negative value represents a change in drive voltage polarity, while for an LRA it
represents a phase shift of 180° in the drive signal. Negative drive can be used to speed up output
acceleration level changes without the use of the Active Acceleration and Rapid Stop. Note that in
the ACCELERATION_EN = 0 case Rapid Stop can still be enabled if an automatic stop to zero
actuator acceleration is required.
Note: The output amplitude updates at twice the LRA frequency (when the differential voltage across
the LRA crosses zero), therefore input changes more frequent than this are not required as sampling
occurs only around a zero cross. Since the I2C is asynchronous to the output drive, updates to
OVERRIDE_VAL will have a one LRA half-period of uncertainty before propagating to the output.
Synchronization of OVERRIDE_VAL updates to the half period is possible via software by looking at
the POLARITY register and updating the output drive level, see Section 5.7.8.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com