Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM1229YA Datasheet(PDF) 21 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM1229YA
Description  I2C Compatible CMOS TV RGB and Deflection Processor
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM1229YA Datasheet(HTML) 21 Page - National Semiconductor (TI)

Back Button LM1229YA Datasheet HTML 17Page - National Semiconductor (TI) LM1229YA Datasheet HTML 18Page - National Semiconductor (TI) LM1229YA Datasheet HTML 19Page - National Semiconductor (TI) LM1229YA Datasheet HTML 20Page - National Semiconductor (TI) LM1229YA Datasheet HTML 21Page - National Semiconductor (TI) LM1229YA Datasheet HTML 22Page - National Semiconductor (TI) LM1229YA Datasheet HTML 23Page - National Semiconductor (TI) LM1229YA Datasheet HTML 24Page - National Semiconductor (TI) LM1229YA Datasheet HTML 25Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 27 page
background image
Application Register Detail (Continued)
GREEN Gain Control
Register
Addr
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
GREEN GAIN
0x01
X
GGAIN[6:0]
Bits 6–0: Sets the gain level of the green video channel. A value of 0x7F generates the maximum green gain. A value of 0x00
generates the minimum green gain.
BLUE Gain Control
Register
Addr
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
BLUE GAIN
0x02
X
BGAIN[6:0]
Bits 6–0: Sets the gain level of the blue video channel. A value of 0x7F generates the maximum blue gain. A value of 0x00
generates the minimum blue gain.
CONTRAST Control
Register
Addr
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
CONTRAST
0x03
X
CONTRAST[6:0]
Bits 6–0: Sets the contrast level three video channels. A value of 0x7F generates the maximum contrast. A value of 0x00
generates the minimum contrast.
DAC 1 Control
Register
Addr
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
DAC 1
0x04
DAC1[7:0]
Bits 7–0: Sets the DAC 1 DC output level at pin 39. A full scale value of 0xFF generates the maximum DC output level. A value
of 0x00 generates the minimum DC level.
DAC 2 Control
Register
Addr
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
DAC 2
0x05
DAC2[7:0]
Bits 7–0: Sets the DAC 2 DC output level at pin 38. A full scale value of 0xFF generates the maximum DC output level. A value
of 0x00 generates the minimum level.
DAC 3 Control
Register
Addr
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
DAC 3
0x06
DAC3[7:0]
Bits 7–0: Sets the DAC 3 DC output level at pin 37. A full scale value of 0xFF generates the maximum DC output level. A value
of 0x00 generates the minimum level.
BRIGHTNESS Control
Register
Addr
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
BRIGHTNESS
0x07
BRIGHTNESS[7:0]
Bits 7–0: Sets the brightness level of the RGB outputs. A full scale value of 0xFF generates the minimum DC video black level
(darkest). A value of 0x00 generates the maximum DC black level (brightest).
OFFSET Control
Register
Addr
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
OFFSET
0x08
X
X
X
X
DC_Offset[3:0]
Bits 3–0: Determines the video reference level at the RGB video outputs on pins 57, 58 and 59. A setting of 0xF gives a DC
Offset of about 0.5V and 0x0 gives a DC Offset of about 1.4V.
GLOBAL
Register
Addr
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
GLOBAL
0x09
INCR
X
DCF
VB
CLAMP
HB
PSAVE
BLANK
Bit 7: When set to 0, the I
2C auto increment function is active. When set to a 1, the I2C auto increment function is disabled. In
the auto increment mode, a given register can be updated continuously using an ADDR - DATA - DATA - ... - DATA
transmission sequence.
Bit 5: When set to 0, the outputs of DACs 1–3 are full scale (0V–4.2V). When this bit is a 1, the output DC range is halved
www.national.com
21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com