Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM1229YA Datasheet(PDF) 13 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM1229YA
Description  I2C Compatible CMOS TV RGB and Deflection Processor
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM1229YA Datasheet(HTML) 13 Page - National Semiconductor (TI)

Back Button LM1229YA Datasheet HTML 9Page - National Semiconductor (TI) LM1229YA Datasheet HTML 10Page - National Semiconductor (TI) LM1229YA Datasheet HTML 11Page - National Semiconductor (TI) LM1229YA Datasheet HTML 12Page - National Semiconductor (TI) LM1229YA Datasheet HTML 13Page - National Semiconductor (TI) LM1229YA Datasheet HTML 14Page - National Semiconductor (TI) LM1229YA Datasheet HTML 15Page - National Semiconductor (TI) LM1229YA Datasheet HTML 16Page - National Semiconductor (TI) LM1229YA Datasheet HTML 17Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 27 page
background image
Application Information (Continued)
Pin
No.
Pin Name
Schematic
Description
31
32
HOSC2
HOSC1
The oscillator can be a standard 12 MHz
ceramic or crystal oscillator. Two suitable
manufacturer’s part numbers are Murata
CST12.0MT and Panasonic PX1200MC-ND.
34
XRAY
This pin provides X-ray sense and shutdown.
The input is a rectified horizontal flyback pulse.
R
B is adjusted to cause shutdown at the desired
amplitude of the flyback pulse. This provides
X-ray protection by turning off the horizontal
drive. After the shutdown, the LM1229 will be
reset when V
CC drops below 4V or when the
HDRIVE output is disabled and reenabled with
bit 5 of the HEHT register. This shutdown
function can be disabled by setting bit 6 of the
HEHT register to a 1.
35
36
HSYNC
VSYNC
These are the horizontal and vertical sync inputs
to the LM1229. The horizontal sync is required
by the horizontal PLL and the horizontal blanking
function. The vertical sync is required by the
vertical blanking function which includes the
programmable vertical blanking output pulse and
the RGB vertical blanking. These are both 5V
logic levels with thresholds as given in the
specifications section. Care must be taken to
prevent sync overshoots from reaching the
LM1229.
37
38
39
DAC 3 Output
DAC 2 Output
DAC 1 Output
These are the DAC outputs for the RGB cathode
cut-off adjustments. The DAC output levels are
set through the I
2C compatible bus. These can
be set for 4.2V or 2.1V full scale to match the
various NSC bias ICs.
NSC’s CRT arcing tests and experience shows
that the best output termination for the DAC
outputs is a 0.1 µF capacitor to ground at the IC
terminals and a series 1k resistor close to the
load.
40
VBLANK
OUT
This is a positive going logic pulse which can be
used for vertical blanking on G1. It can be an
input to the LM2485 where it is amplified to
either 20V or 40V negative going peak to peak,
depending on an option pin. The pulse starts
when an input is received on the Vertical Flyback
Input on pin 62 and lasts for the number of scan
lines loaded in the VBLANK register, 0x51[7:0].
www.national.com
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com