Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DA7282 Datasheet(PDF) 61 Page - Renesas Technology Corp

Part # DA7282
Description  LRA/ERM Ultra-Low Power Haptic Driver with Multiple Input Triggers and Integrated Waveform Memory
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA7282 Datasheet(HTML) 61 Page - Renesas Technology Corp

Back Button DA7282 Datasheet HTML 57Page - Renesas Technology Corp DA7282 Datasheet HTML 58Page - Renesas Technology Corp DA7282 Datasheet HTML 59Page - Renesas Technology Corp DA7282 Datasheet HTML 60Page - Renesas Technology Corp DA7282 Datasheet HTML 61Page - Renesas Technology Corp DA7282 Datasheet HTML 62Page - Renesas Technology Corp DA7282 Datasheet HTML 63Page - Renesas Technology Corp DA7282 Datasheet HTML 64Page - Renesas Technology Corp DA7282 Datasheet HTML 65Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 88 page
background image
DA7282
LRA/ERM Ultra-Low Power Haptic Driver with
Multiple Input Triggers and Integrated
Waveform Memory
Datasheet
Revision 3.1
10-Feb-2022
CFR0011-120-00
61 of 87
© 2022 Renesas Electronics
SCL
SDA
Figure 34: I2C START and STOP Conditions
The I2C bus is monitored by DA7282 for a valid slave address whenever the interface is enabled. It
responds with an Acknowledge immediately when it receives its own slave address. The
Acknowledge is done by pulling the SDA line LOW during the following clock cycle (white blocks
marked with A in Figure 35 to Figure 39).
The protocol for a register write from master to slave consists of a START condition, a slave address
with read/write bit and the 8-bit register address followed by 8 bits of data terminated by a STOP
condition (DA7282 responds to all bytes with Acknowledge), see Figure 35.
SLAVE addr
W
REG addr
A
DATA
A
P
S = START condition
A = Acknowledge (low)
P = STOP condition
W = Write (low)
Master to Slave
Slave to Master
7-bits
1-bit
8-bits
8-bits
A
S
Figure 35: I2C Byte Write (SDA line)
When the host reads data from a register it first has to write access DA7282 with the target register
address and then read access DA7282 with a repeated START, or alternatively a second START
condition. After receiving the data the host sends a Not Acknowledge (NAK) and terminates the
transmission with a STOP condition:
S SLAVEaddr W
A
REG addr
A
SLAVEaddr
A
S = START condition
A = Acknowledge (low)
Sr = Repeated START condition
A
* = Not Acknowledge (NAK)
P = STOP condition
W = Write (low)
R = Read (high)
Master to Slave
7-bits
1-bit
8-bits
7-bits
DATA
A
*
Sr
R
1-bit
8-bits
SLAVEaddr
A
7-bits
DATA
P
S
R
1-bit
8-bits
P
A
*
Slave to Master
S SLAVEaddr W
A
REG addr
P
7-bits
1-bit
8-bits
A
Figure 36: Examples of the I2C Byte Read (SDA line)
Consecutive (Page) Read-Out mode, I2C_WR_MODE (register CIF_I2C1) = 0, is initiated from the
master by sending an Acknowledge instead of Not Acknowledge (NAK) after receipt of the data word.
The I2C control block then increments the address pointer to the next I2C address and sends the data
to the master. This enables an unlimited read of data bytes until the master sends an NAK directly
after the receipt of data, followed by a subsequent STOP condition. If a non-existent I2C address is
read out, the DA7282 will return code zero.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com