Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DA7282 Datasheet(PDF) 86 Page - Renesas Technology Corp

Part # DA7282
Description  LRA/ERM Ultra-Low Power Haptic Driver with Multiple Input Triggers and Integrated Waveform Memory
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA7282 Datasheet(HTML) 86 Page - Renesas Technology Corp

Back Button DA7282 Datasheet HTML 80Page - Renesas Technology Corp DA7282 Datasheet HTML 81Page - Renesas Technology Corp DA7282 Datasheet HTML 82Page - Renesas Technology Corp DA7282 Datasheet HTML 83Page - Renesas Technology Corp DA7282 Datasheet HTML 84Page - Renesas Technology Corp DA7282 Datasheet HTML 85Page - Renesas Technology Corp DA7282 Datasheet HTML 86Page - Renesas Technology Corp DA7282 Datasheet HTML 87Page - Renesas Technology Corp DA7282 Datasheet HTML 88Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 86 / 88 page
background image
DA7282
LRA/ERM Ultra-Low Power Haptic Driver with
Multiple Input Triggers and Integrated
Waveform Memory
Datasheet
Revision 3.1
10-Feb-2022
CFR0011-120-00
86 of 87
© 2022 Renesas Electronics
Revision History
Revision
Date
Description
3.1
10-Feb-2022
Updated logo, disclaimer, copyright.
3.0
30-Jul-2019
Final datasheet
Change details:
● Renamed EN to VDDIO/EN throughout the document to better describe the purpose of the pin
● Table 1: Added DA7283 details
● Section 2 Pinout
○ Formatting changes to merge tables and use space better
● Section 4.3 Electrical Characteristics
○ Table 8 Added parameter VDD_POR_FALL
● Sections 5.2.5, 5.2.7, 5.6.5.3 and Tables 56 and 57 in Section 6.2:
○ Corrected pin name errors (ADDR to GPI)
● Section 5.1 Features Description
○ Minor rewording to better describe part (also reflected on front page)
● Section 5.7.1: Frequency Tracking
○ Added sentences regarding use of SmartCanvas GUI to adjust Kp and Ki coefficients
○ Added sentence regarding checking stability of closed loop to step response when optimizing Kp and
Ki coefficients with FREQ_TRACK_AUTO_ADJ enabled
● Section 5.7.1.9: VDDIO/EN Pin Control
○ Clarified description
● Section 5.8: Waveform Memory
○ Added note recommending SmartCanvas GUI is used to construct and upload WM sequences
● Section 5.8.1: Waveform Memory Structure
○ Figure 26: Replaced Sequence 1 with Sequence 0 and clarification of explanation
● Section 5.8.2: Snippet Definition
○ Clarification of TIME and AMP definitions
○ Added note to explain snippet 0
● Section 5.8 3: Frame Definition
○ Clarified Byte 1 and Byte 2 definitions
○ Clarified SNP_ID_LOOP [3:0] definition
○ Added notes explaining updating of frequencies
● Section 5.8.4: Sequence Definition
○ Further clarification of sequences
○ Figure 30: Replaced Sequence 1 with Sequence 0
● Section 5.9.1: DRO Mode
○ Clarification of full range
● Section 5.9.3: RTWM and ETWM Modes
○ Clarification of full range
● Section 6: Register Overview
○ Reset values (and associated descriptions) updates for the following addresses: 0x00, 0x0A, 0x0B,
0x0C, 0x0D, 0x0E, 0x0F, 0x10, 0x11, 0x1C, 0x1D, 0x1E, 0x1F, 0x20, 0x2C, 0x46, 0x47, and 0x5F
● Section 7: Package Information
○ Updated both WLCSP and QFN package outline diagrams to rev E (only change is to title)
● Section 9: Application Information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com