Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DA9130 Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # DA9130
Description  High-Performance, 10 A, Dual-Phase DC-DC Converter for Mobile and Portable Applications
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA9130 Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button DA9130 Datasheet HTML 7Page - Renesas Technology Corp DA9130 Datasheet HTML 8Page - Renesas Technology Corp DA9130 Datasheet HTML 9Page - Renesas Technology Corp DA9130 Datasheet HTML 10Page - Renesas Technology Corp DA9130 Datasheet HTML 11Page - Renesas Technology Corp DA9130 Datasheet HTML 12Page - Renesas Technology Corp DA9130 Datasheet HTML 13Page - Renesas Technology Corp DA9130 Datasheet HTML 14Page - Renesas Technology Corp DA9130 Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 46 page
background image
DA9130
High-Performance, 10 A, Dual-Phase DC-DC
Converter for Mobile and Portable Applications
Datasheet
Revision 2.1
14-Apr-2022
CFR0011-120-00
11 of 45
© 2022 Renesas Electronics
3.3.3
ESD Characteristics
Table 7: ESD Characteristics
Parameter
Description
Conditions
Value
Unit
VESD_HBM
ESD protection, human body model
(HBM)
2
kV
VESD_CDM
Maximum ESD protection
Charged device model (CDM)
500
V
3.4
Buck Characteristics
Unless otherwise noted, the following is valid for TJ = -40 °C to +125 °C, VSYS = 2.8 V to 5.5 V.
Table 8: Buck Electrical Characteristics
Parameter
Description
Conditions
Min
Typ
Max
Unit
External Electrical Conditions
VIN
Input voltage
VIN = VSYS
2.8
5.5
V
COUT
Output capacitance, per
phase, including voltage
and temperature
coefficient
-40 %
20
+30 %
μF
ESRCOUT
Output capacitor series
resistance, per phase
f > 100 kHz
1
mΩ
L
Inductor value, per
phase, including current
and temperature
dependence
-50 %
220
+20 %
nH
DCRL
Inductor DC resistance
8
13
mΩ
Electrical Performance
VOUT
Output voltage,
configurable in 10 mV
steps
IOUT = 0 mA to IMAX at 25 °C
ambient
2.8 V < VOUT + 1 V < VIN
≤
5.5 V
0.3
1.9
V
ILIM
Current limit, configurable
per phase
Note 1
Note 2
CHx_ILIM = 1010
-20 %
8
+20 %
A
IMAX
Output current
Note 3
VIN
≥ VOUT + 1 V
5 A per phase
10
A
VOUT_ACC
Output voltage accuracy,
including static line and
load regulation
VOUT
≥ 1 V
-1
1
%
VOUT_ACC
Output voltage accuracy,
including static line and
load regulation
VOUT < 1 V
-10
10
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com