Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DA9130 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # DA9130
Description  High-Performance, 10 A, Dual-Phase DC-DC Converter for Mobile and Portable Applications
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA9130 Datasheet(HTML) 2 Page - Renesas Technology Corp

  DA9130 Datasheet HTML 1Page - Renesas Technology Corp DA9130 Datasheet HTML 2Page - Renesas Technology Corp DA9130 Datasheet HTML 3Page - Renesas Technology Corp DA9130 Datasheet HTML 4Page - Renesas Technology Corp DA9130 Datasheet HTML 5Page - Renesas Technology Corp DA9130 Datasheet HTML 6Page - Renesas Technology Corp DA9130 Datasheet HTML 7Page - Renesas Technology Corp DA9130 Datasheet HTML 8Page - Renesas Technology Corp DA9130 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 46 page
background image
DA9130
High-Performance, 10 A, Dual-Phase DC-DC
Converter for Mobile and Portable Applications
Datasheet
Revision 2.1
14-Apr-2022
CFR0011-120-00
2 of 45
© 2022 Renesas Electronics
■ Optimized BoM cost and footprint: Each output requires a very small inductor and capacitor
delivering parts and cost savings
■ Cycle by cycle current limiting for superior over-current protection
Applications
■ Switches and routers
■ Smart metering
■ Industrial automation
■ Wireless
■ Consumer products
■ SoC/FPGA high performance processing
system requiring efficient, high current,
power delivery
■ SIPP modules (SoC, DRAM)
System Diagrams
DA9130
Buck1
Digital Core
OTP Memory
Register Map
IC_EN
CONF/GPIO0
GPIO1
GPIO2
SCL/GPIO3
SDA/GPIO4
FB1P
4 x 10 µF
220 nH
PGND
FB1N
NC
220 nH
NC
AG ND
VOUT1 = 0.3 V to 1.9 V
1 µF
2x 10 µF
VDD = 2.8 V to 5.5 V
Bias Supervision
Oscillator
I
2C
GPIO
PVDD1
Figure 1: Simplified Schematic Diagram
CONF
DA9130
SoC
CPU
IC_EN
GPU
AGND
PVDD
AVDD
VR_
HOT
DA9131
IC_EN
AGND
PVDD
AVDD
DDR
1.8 V
1.1 V
CONF
DA9130
IC_EN
AGND
PVDD
AVDD
GPU_EN
CPU_LP
PG (DVS ready)
VR_CPU_HOT
GPIO
GPU_LP
IO_LP
DDR_LP
VR_GPU_HOT
VR_DDR_HOT
Figure 2: Typical Application Diagram (Port Control)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com