Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

13-001663 Datasheet(PDF) 1 Page - CONEC Elektronische Bauelemente GmbH

Part # 13-001663
Description  D-SUB COM. DUAL PORT 19,5mm/ Male 2W2CP rev./ Female 2W2CS with treaded insert, metal bracket and snap
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONEC [CONEC Elektronische Bauelemente GmbH]
Direct Link  http://www.conec.com
Logo CONEC - CONEC Elektronische Bauelemente GmbH

13-001663 Datasheet(HTML) 1 Page - CONEC Elektronische Bauelemente GmbH

  13-001663 Datasheet HTML 1Page - CONEC Elektronische Bauelemente GmbH 13-001663 Datasheet HTML 2Page - CONEC Elektronische Bauelemente GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
A
A
A
A
A
A
A
A
B
B
B
B
B
B
B
B
C
C
C
C
C
C
C
C
D
D
D
D
D
D
D
D
E
E
E
E
E
E
E
E
F
F
F
F
F
F
F
F
A
A
A
A
A
A
A
A
B
B
B
B
B
B
B
B
C
C
C
C
C
C
C
C
D
D
D
D
D
D
D
D
13-00166o
CONEC ABC
dim. in mm
R
R
R
R
date
drawn
d-old
norm
appd.
tolerance
material:
title:
dwg no:
DIN-
sh:
part no:
name
date
name
description
rev.
scale:
13K1A2199
A3
1
D-SUB COM. DUAL PORT
see notes
Schmidt
27.08.07
28.08.07
Koch
19,5mm/ Male 2W2CP rev./ Female 2W2CS
with treaded insert, metal bracket and snap
2:1
13-00166
a
Original
3 x b
Ä4403
26.07.12
HS
b
b
b
30,88 - 0,45
0,31
+
24,99 - 0,12
0,13
+
4-40 UNC
SEE NOTE 9
0,9
PCB-SNAP
METAL BRACKET
PRESS FOR FIXING ON PCB
15,26 `0,3
16,84
- 0,05
0,2
+
16,41 - 0,2
0,05
+
6 - 0,18
0,12
+
0,8
6,13 - 0,08
0,17
+
n2 (4x)
NOTES:
1. METALSHELLS: STEEL; min. 315µin TIN over 40-80µin NICKEL
2. INSULATORS: PBT GF UL 94 V-0, GREEN
3. HIGH POWER CONTACTS 20A: COPPER ALLOY
PLATING MATING AREA:
o PLEASE ADD 3 for GOLD FLASH over NICKEL
o PLEASE ADD 1 for 30µin HARD GOLD over min. 50µin NICKEL
PLATING TERMINATION SIDE: 160-240µin TIN over 80µin NICKEL
4. METAL BRACKETS: ZINC DIE CAST;
300µin COPPER/40-120µin NICKEL/120-200µin TIN
5. THREADED INSERTS: COPPER ALLOY; min. 200µin TIN over 80µin NICKEL
6. PCB-SNAPS: COPPER ALLOY; min. 200µin TIN over 80µin NICKEL
PCB-HOLE: n3,1`0,1mm; PCB-THICKNESS: 1,6mm
7. P.C.B. HOLE DRILLINGS ON SHEET 2
8. MAXIMUM TORQUE VALUE FOR THREAD: 6 in.LB
9. CONNECTOR IS PART MARKED: 13-00166o CONEC ABC (see note 3)
8,61 `0,3
Directive 2002/95/EC RoHS compliant
o (see note 3)


Similar Part No. - 13-001663

ManufacturerPart #DatasheetDescription
logo
CONEC Elektronische Bau...
13-001603 CONEC-13-001603 Datasheet
454Kb / 2P
D-SUB COM. DUAL PORT 19,05mm / Female 8W8S reverse / Male 8W8P with threaded insert, metal bracket
04.12.14
13-001613 CONEC-13-001613 Datasheet
183Kb / 2P
D-SUB COM. DUAL PORT 19,05mm/ Male 2W2CP rev./ Male 2W2CP with threaded insert, metal bracket and snap
13.11.08
13-001623 CONEC-13-001623 Datasheet
183Kb / 2P
D-SUB COM. DUAL PORT 19,05mm / Male 3W3P reverse / Male 3W3P with threaded insert 4-40 UNC, metal bracket, snap
13.11.2008
13-001633 CONEC-13-001633 Datasheet
201Kb / 2P
D-SUB COM. DUAL PORT 19,05mm / Male 3W3CP reverse / Male 3W3CP with threaded insert 4-40 UNC, metal bracket, snap
13.11.2008
13-001643 CONEC-13-001643 Datasheet
194Kb / 2P
D-SUB COM. DUAL PORT 19,05mm / Male 5W5P reverse / Male 5W5P with threaded insert, metal bracket, snap
14.11.2008
More results

Similar Description - 13-001663

ManufacturerPart #DatasheetDescription
logo
CONEC Elektronische Bau...
302W2CSXX60N40X CONEC-302W2CSXX60N40X Datasheet
302Kb / 1P
D-SUB COM. FEMALE 90° 2W2CS with threaded insert, metal bracket and snap
02.04.15
302W2CSXX73P40X CONEC-302W2CSXX73P40X Datasheet
180Kb / 1P
D-SUB COM. FEMALE 90° 2W2CS with threaded lock, metal bracket and snap
02.09.11
302W2CSXX75G20X CONEC-302W2CSXX75G20X Datasheet
200Kb / 1P
D-SUB COM. FEMALE 90° 2W2CS with threaded insert and metal bracket
22.09.10
302W2CSXX99G20X CONEC-302W2CSXX99G20X Datasheet
185Kb / 1P
D-SUB COM. FEMALE 90° 2W2CS with threaded insert and metal bracket
11.06.12
302W2CSXX99H40X CONEC-302W2CSXX99H40X Datasheet
1Mb / 1P
D-SUB COM. FEMALE 90° 2W2CS with threaded lock, metal bracket and snap
27.01.14
302W2CSXX99N40X CONEC-302W2CSXX99N40X Datasheet
1Mb / 1P
D-SUB COM. FEMALE 90° 2W2CS with threaded insert, metal bracket and snap
17.05.13
13-001463 CONEC-13-001463 Datasheet
300Kb / 2P
D-SUB COM. DUAL PORT 19,05mm/ MALE 2W2CP rev./ FEMALE 2W2CS with threaded insert and metal bracket
03.07.2012
13-001613 CONEC-13-001613 Datasheet
183Kb / 2P
D-SUB COM. DUAL PORT 19,05mm/ Male 2W2CP rev./ Male 2W2CP with threaded insert, metal bracket and snap
13.11.08
13-001713 CONEC-13-001713 Datasheet
184Kb / 2P
D-SUB COM. DUAL PORT 19,05mm/Female 2W2CS rev./Female 2W2CS with threaded insert, metal bracket and snap
14.11.08
13-001763 CONEC-13-001763 Datasheet
184Kb / 2P
D-SUB COM. DUAL PORT 19,05mm/Female 2W2CS rev./Male 2W2CP with threaded insert, metal bracket and snap
01.12.08
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com