Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

13-001663 Datasheet(PDF) 2 Page - CONEC Elektronische Bauelemente GmbH

Part # 13-001663
Description  D-SUB COM. DUAL PORT 19,5mm/ Male 2W2CP rev./ Female 2W2CS with treaded insert, metal bracket and snap
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONEC [CONEC Elektronische Bauelemente GmbH]
Direct Link  http://www.conec.com
Logo CONEC - CONEC Elektronische Bauelemente GmbH

13-001663 Datasheet(HTML) 2 Page - CONEC Elektronische Bauelemente GmbH

  13-001663 Datasheet HTML 1Page - CONEC Elektronische Bauelemente GmbH 13-001663 Datasheet HTML 2Page - CONEC Elektronische Bauelemente GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
A
A
A
A
A
A
A
A
B
B
B
B
B
B
B
B
C
C
C
C
C
C
C
C
D
D
D
D
D
D
D
D
E
E
E
E
E
E
E
E
F
F
F
F
F
F
F
F
A
A
A
A
A
A
A
A
B
B
B
B
B
B
B
B
C
C
C
C
C
C
C
C
D
D
D
D
D
D
D
D
P.C.B. EDGE
dim. in mm
R
R
R
R
date
drawn
d-old
norm
appd.
tolerance
material:
title:
dwg no:
DIN-
sh:
part no:
name
date
name
description
rev.
scale:
13K1A2199
A3
2
P.C.B. HOLE DRILLINGS
see sheet 1
Schmidt
27.08.07
28.08.07
Koch
D-SUB Combination Dual Port 19,05mm
Male 2W2CP reverse / Female 2W2CS
3:2
see sheet 1
a
Original
A1
A1
2,5 `0,1
n
(4x)
3,1 `0,1
n
(2x)
3,43 `0,1
3,43 `0,1
24,99 - 0,12
0,13
+
P.C.B. HOLE DRILLINGS
(P.C.B. TOP SIDE)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com