Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9380 Datasheet(PDF) 21 Page - Analog Devices

Part # AD9380
Description  Analog/HDMI Dual-Display Interface
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9380 Datasheet(HTML) 21 Page - Analog Devices

Back Button AD9380 Datasheet HTML 17Page - Analog Devices AD9380 Datasheet HTML 18Page - Analog Devices AD9380 Datasheet HTML 19Page - Analog Devices AD9380 Datasheet HTML 20Page - Analog Devices AD9380 Datasheet HTML 21Page - Analog Devices AD9380 Datasheet HTML 22Page - Analog Devices AD9380 Datasheet HTML 23Page - Analog Devices AD9380 Datasheet HTML 24Page - Analog Devices AD9380 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 60 page
background image
AD9380
Rev. 0 | Page 21 of 60
Color Space Conversion (CSC) Matrix
The CSC matrix in the AD9380 consists of three identical
processing channels. In each channel, three input values are
multiplied by three separate coefficients. Also included are an
offset value for each row of the matrix and a scaling multiple
for all values. Each value has a 13-bit, twos complement
resolution to ensure the signal integrity is maintained. The
CSC is designed to run at speeds up to 150 MHz, supporting
resolutions up to 1080p at 60 Hz. With any-to-any color space
support, formats such as RGB, YUV, YCbCr, and others are
supported by the CSC.
The main inputs, RIN, GIN, and BIN come from the 8- to 12-bit
inputs from each channel. These inputs are based on the input
format detailed in Table 11 The mapping of these inputs to the
CSC inputs is shown in Table 10.
Table 10. CSC Port Mapping
Input Channel
CSC Input Channel
R/CR
RIN
Gr/Y
GIN
B/CB
B
B
IN
One of the three channels is represented in Figure 13. In each
processing channel, the three inputs are multiplied by three
separate coefficients marked a1, a2, and a3. These coefficients
are divided by 4096 to obtain nominal values ranging from
–0.9998 to +0.9998. The variable labeled a4 is used as an offset
control. The CSC_Mode setting is the same for all three
processing channels. This multiplies all coefficients and offsets
by a factor of 2CSC_Mode.
The functional diagram for a single channel of the CSC, as
shown in Figure 13, is repeated for the remaining G and B
channels. The coefficients for these channels are b1, b2, b3, b4,
c1, c2, c3, and c4.
×2
2
1
0
×
×
×
a1[12:0]
a2[12:0]
a3[12:0]
RIN [11:0]
BIN [11:0]
GIN [11:0]
+
×4
CSC_Mode[1:0]
a4[12:0]
ROUT [11:0]
+
1
4096
×
1
4096
×
1
4096
×
+
Figure 13. Single CSC Channel
A programming example and register settings for several
common conversions are listed in the Color Space Converter
(CSC) Common Settings section.
For a detailed functional description and more programming
examples, refer to Application Note AN-795, AD9880 Color
Space Converter User's Guide.
AUDIO PLL SETUP
Data contained in the audio infoframes, among other registers,
define for the AD9380 HDMI receiver not only the type of
audio, but the sample frequency. It also contains information
about the N and CTS values used to re-create the clock. With
this information, it is possible to regenerate the audio sampling
frequency. The audio clock is regenerated by dividing the 20-bit
CTS value into the TMDS clock, then multiplying by the 20-bit
N value. This yields a multiple of the sampling frequency (fS) of
either 128 × fS or 256 × fS. It is possible for this to be specified
up to 1024 × fS.
SINK DEVICE
SOURCE DEVICE
1N AND CTS VALUES ARE TRANSMITTED USING THE
AUDIO CLOCK REGENERATION PACKET. VIDEO
CLOCK IS TRANSMITTED ON TMDS CLOCK CHANNEL.
128 ×
fS
N
VIDEO
CLOCK
128
× f
S
TMDS
CLOCK
N1
CTS1
DIVIDE
BY
N
CYCLE
TIME
COUNTER
REGISTER
N
DIVIDE
BY
CTS
MULTIPLY
BY
N
Figure 14. N and CTS for Audio Clock
AUDIO BOARD LEVEL MUTING
The audio can be muted through the infoframes or locally
via the serial bus registers. Muting can be controlled with
Register R0x57, Bits [7:4].
AVI Infoframes
The HDMI TMDS transmission contains infoframes with
specific information for the monitor such as:
•
Audio information
o
2 to 8 channels of audio identified
o
Audio coding
o
Audio sampling frequency
•
Speaker placement
•
N and CTS values (for reconstruction of the audio)
•
Muting
•
Source information
o
CD
o
SACD
o
DVD
•
Video information
o
Video ID Code (per CEA861B)
o
Color space
o
Aspect ratio
o
Horizontal and vertical bar information
o
MPEG frame information (I, B, or P frame)
•
Vendor (transmitter source) name and product model



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com