Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6986I Datasheet(PDF) 37 Page - STMicroelectronics

Part # L6986I
Description  38 V, 5 W synchronous iso-buck converter for isolated applications
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6986I Datasheet(HTML) 37 Page - STMicroelectronics

Back Button L6986I Datasheet HTML 33Page - STMicroelectronics L6986I Datasheet HTML 34Page - STMicroelectronics L6986I Datasheet HTML 35Page - STMicroelectronics L6986I Datasheet HTML 36Page - STMicroelectronics L6986I Datasheet HTML 37Page - STMicroelectronics L6986I Datasheet HTML 38Page - STMicroelectronics L6986I Datasheet HTML 39Page - STMicroelectronics L6986I Datasheet HTML 40Page - STMicroelectronics L6986I Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 60 page
background image
6.5.2
Transformer selection
The transformer has two essential tasks:
•
Providing the isolation between primary and secondary side in accordance with the application requirements
•
Generating the necessary secondary output voltage from the regulated primary voltage with the most
suitable turn ratio
The transformer selection implies defining the following parameters:
•
Isolation voltage
•
Turn ratio
•
Primary inductance
•
Peak and RMS currents
•
Windings resistance
•
Leakage inductance
•
Parasitic capacitances
Isolation voltage
The isolation of the transformer in terms of voltage capability (1.5 kV, 4 kV, and so on) and type (functional basic,
reinforced, etc.) is mainly driven by the application. Both parameters normally affect the size of the transformer as
well as other electrical characteristics (e.g. winding resistance, leakage inductance, etc.).
Turn Ratio
Naming Npri and Nsec the number of turns of the primary and secondary windings respectively, the turn ratio is so
defined:
N = NpriNsec
(36)
Considering the equation (25), the turn ratio must be defined so that the voltage at the secondary output is the
desired one over the whole secondary output current range:
N ≥  VOUT_sec+ Rwind_sec∙IOUT_sec + VFD1
VOUT_pri+IOUTpri∙RDSonLS+Rwind_pri
(37)
If no current is drawn from the primary output, the turn ratio should be only chosen to compensate the drops due
to the secondary winding resistance and the Schottky diode.
The effect of the leakage inductance on the secondary output voltage regulation (not included in the equation
above) should be taken into account too. Figure 17 clearly shows how the secondary output voltage can drift due
to the leakage inductance.
Primary inductance
The choice of the primary inductance does not differ so much from a standard buck. The magnetizing current,
(see Figure 43) which combines the two winding currents, has the same shape of the buck inductor current and
can be defined as:
IL_mag = Ipri+N∙Isec
(38)
L6986I
Design of the external components
DS13647 - Rev 2
page 37/60



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com