Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6986I Datasheet(PDF) 40 Page - STMicroelectronics

Part # L6986I
Description  38 V, 5 W synchronous iso-buck converter for isolated applications
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6986I Datasheet(HTML) 40 Page - STMicroelectronics

Back Button L6986I Datasheet HTML 36Page - STMicroelectronics L6986I Datasheet HTML 37Page - STMicroelectronics L6986I Datasheet HTML 38Page - STMicroelectronics L6986I Datasheet HTML 39Page - STMicroelectronics L6986I Datasheet HTML 40Page - STMicroelectronics L6986I Datasheet HTML 41Page - STMicroelectronics L6986I Datasheet HTML 42Page - STMicroelectronics L6986I Datasheet HTML 43Page - STMicroelectronics L6986I Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 60 page
background image
Figure 46. Secondary winding current according to different leakage inductances (simulation)
LLEAKAGE = 2µH
LLEAKAGE = 2µH
LLEAKAGE = 200nH
LLEAKAGE = 50nH
Another effect of the leakage inductance is the ringing observed when the transition from the off-phase to
on-phase occurs. These oscillations are due to the LC circuit represented by the leakage inductance and the total
parasitic capacitance observed by the primary winding. This capacitance consists of several contributions:
•
Primary winding capacitance
•
Secondary winding capacitance, reflected to the primary side
•
Reverse capacitance of the Schottky diode, reflected to the primary side
The ringing at primary side could affect the regulation loop and falsely trigger the internal comparator, turning off
the high side MOSFET although it should be kept on. This might result in undesired jitter at switch node.
A proper masking time (TON MIN) filters these oscillations, which otherwise can affect the loop on the primary side.
Nevertheless, a snubber circuit to dump this ringing is always recommended, as shown in figure below.
Figure 47. Snubber circuit
Capacitance
The parasitic capacitance of a real transformer mainly consists of the following contributions:
•
Capacitance across each winding (CP and CS, in the picture below) due to the capacitve coupling between
the coil and the core. As already mentioned, the winding capacitances are involved in the ringing observed
during transition from off to on phase of the primary side
•
Interwinding capacitance (CWW), that is the capacitance between windings. The interwinding capacitance
should be reduced in order to limit disturbance on the primary side due to possible steep voltage transitions
present in the load connected to the secondary output
L6986I
Design of the external components
DS13647 - Rev 2
page 40/60



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com