Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EL4331CSZ Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # EL4331CSZ
Description  Triple 2:1 Mux-Amp AV = 1
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

EL4331CSZ Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button EL4331CSZ Datasheet HTML 2Page - Renesas Technology Corp EL4331CSZ Datasheet HTML 3Page - Renesas Technology Corp EL4331CSZ Datasheet HTML 4Page - Renesas Technology Corp EL4331CSZ Datasheet HTML 5Page - Renesas Technology Corp EL4331CSZ Datasheet HTML 6Page - Renesas Technology Corp EL4331CSZ Datasheet HTML 7Page - Renesas Technology Corp EL4331CSZ Datasheet HTML 8Page - Renesas Technology Corp EL4331CSZ Datasheet HTML 9Page - Renesas Technology Corp EL4331CSZ Datasheet HTML 10Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
EL4331
FN7162 Rev 1.00
Page 6 of 10
May 12, 2004
Typical Performance Curves (Continued)
Slew Rate vs Supply Voltage
Slew Rate vs Temperature
Total Harmonic Distortion
Output Voltage Swing vs Supply Voltage
Voltage Noise Spectral Density
1.563W
JA=80°C/W
SO16 (0.150”)
1.8
1.6
1.4
0.8
0.6
0.2
0
0
255075
100
150
AMBIENT TEMPERATURE (°C)
125
85
JEDEC JESD51-7 HIGH EFFECTIVE
THERMAL CONDUCTIVITY TEST BOARD
0.4
1
1.2
1.136W
JA=110°C/W
SO16 (0.150”)
1.2
1
0.8
0.6
0.2
0
0
25
50
75
100
150
AMBIENT TEMPERATURE (°C)
125
85
JEDEC JESD51-3 LOW EFFECTIVE
THERMAL CONDUCTIVITY TEST BOARD
0.4



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com