Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EL4331CSZ Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # EL4331CSZ
Description  Triple 2:1 Mux-Amp AV = 1
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

EL4331CSZ Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button EL4331CSZ Datasheet HTML 2Page - Renesas Technology Corp EL4331CSZ Datasheet HTML 3Page - Renesas Technology Corp EL4331CSZ Datasheet HTML 4Page - Renesas Technology Corp EL4331CSZ Datasheet HTML 5Page - Renesas Technology Corp EL4331CSZ Datasheet HTML 6Page - Renesas Technology Corp EL4331CSZ Datasheet HTML 7Page - Renesas Technology Corp EL4331CSZ Datasheet HTML 8Page - Renesas Technology Corp EL4331CSZ Datasheet HTML 9Page - Renesas Technology Corp EL4331CSZ Datasheet HTML 10Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
EL4331
FN7162 Rev 1.00
Page 8 of 10
May 12, 2004
with one video source (e.g. RGB TV) in a window, and a
computer application around it. Multiplexing synchronous RGB
signals has the advantage that the video signals do not have to
be digitized, and an image stored in RAM prior to being
displayed.
When the monitor is switched off, or goes into its power-saving
blanked mode, the EL4331 can be powered down to further
save power. The input impedance does not change
appreciably between powered up and down modes, although
the bias current does drop to near zero.
A demonstration board with this circuit on it is available from
Elantec.
Application Circuit #2
Figure 2 shows a circuit that has either a very wide bandwidth,
or an 11MHz low pass response. The EL4331’s “A” inputs are
connected to the one frequency determining set of
components, while the “B” inputs are connected directly. The
A/B select pin therefore selects the desired bandwidth. This
would allow appropriate filtering to clean up noisy low
bandwidth video signals when displaying them on a high
quality wide bandwidth monitor.
Application Circuit #3
Figure 3 shows one of the three channels of a component
video, 8:1 multiplexer. The A/B select pins naturally allow
binary coded addressing—allowing simple microprocessor or
state machine control. Note that each amplifier output is
loaded, to keep the amplifier outputs damped.
Photograph A1 shows a staircase generated by having all the
inputs (sig0 through sig7) connected to a resistive divider
chain, and the select bits were driven by a binary counter.
Photograph A2 shows the glitch between steps 4 and 5; this is
the worst glitch since all three banks of EL4331s are switching
together. The magnitude of this glitch is affected by the timing
skew of the select lines, the physical length of the traces, and
the difference in amplitude of the two signals. This particular
circuit was bread-boarded using EL4331s on their adapter
boards (available from Elantec for those who can not
breadboard with SOICs), and the binary counter was an
'LS163.
FIGURE 1. TWO RGB SOURCES MULTIPLEXED TO ONE
RGB OUTPUT
FIGURE 2. A BANDWIDTH-SELECTABLE FILTER



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com