Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EL5481CS Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # EL5481CS
Description  Quad 8ns High-Speed Comparators
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

EL5481CS Datasheet(HTML) 4 Page - Renesas Technology Corp

  EL5481CS Datasheet HTML 1Page - Renesas Technology Corp EL5481CS Datasheet HTML 2Page - Renesas Technology Corp EL5481CS Datasheet HTML 3Page - Renesas Technology Corp EL5481CS Datasheet HTML 4Page - Renesas Technology Corp EL5481CS Datasheet HTML 5Page - Renesas Technology Corp EL5481CS Datasheet HTML 6Page - Renesas Technology Corp EL5481CS Datasheet HTML 7Page - Renesas Technology Corp EL5481CS Datasheet HTML 8Page - Renesas Technology Corp EL5481CS Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
EL5481, EL5482
FN7199 Rev 0.00
Page 4 of 9
June 14, 2001
Typical Performance Curves (Continued)
Propagation Delay vs Supply Voltage
10
9.5
8.5
7.5
7
6.5
6
5.5
5
9
8
4
4.5
5
5.5
6
±VS (V)
Tpd+
Tpd-
VSD=VS+
VIN=1V Step
VOD=50mV
RL=2.2k
Propagation Delay vs Overdrive
10
9.5
8.5
8
7.5
7
6.5
6
9
0
0.2
0.6
1
1.2
1.6
2
VOD (V)
Tpd+
Tpd-
VS=±5V
VSD=5V
VIN=3V Step
RL=2.2k
0.4
0.8
1.4
1.8
Propagation Delay vs Overdrive
11
10.5
9.5
9
8.5
8
7.5
7
10
0
0.5
123
VOD (V)
Tpd+
Tpd-
VS=±5V
VSD=5V
RL=2.2k
VIN=5V Step
1.5
2.5
Propagation Delay vs Source Resistance
20
18
14
12
10
8
6
4
16
00.2
0.4
1
1.6
Source Resistance (k
)
Tpd+
Tpd-
0.6
1.4
1.2
0.8
VS=±5V
VSD=5V
RL=2.2k
VIN=1V Step
VOD=50mV
Propagation Delay vs Overdrive
10
9.5
8.5
7.5
7
6.5
6
5.5
5
9
8
0
100
200
300
400
500
600
VOD (mV)
Tpd+
Tpd-
VS=±5V
VSD=5V
VIN=1V Step
RL=2.2k
Propagation Delay vs Load Capacitance
12
10
9
8
7
6
11
0
20406080
100
120
CLOAD (pF)
Tpd+
Tpd-
VS=±5V
VSD=5V
RL=2.2k
VIN=1V Step
VOD=50mV



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com