Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EL5481CS Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # EL5481CS
Description  Quad 8ns High-Speed Comparators
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

EL5481CS Datasheet(HTML) 1 Page - Renesas Technology Corp

  EL5481CS Datasheet HTML 1Page - Renesas Technology Corp EL5481CS Datasheet HTML 2Page - Renesas Technology Corp EL5481CS Datasheet HTML 3Page - Renesas Technology Corp EL5481CS Datasheet HTML 4Page - Renesas Technology Corp EL5481CS Datasheet HTML 5Page - Renesas Technology Corp EL5481CS Datasheet HTML 6Page - Renesas Technology Corp EL5481CS Datasheet HTML 7Page - Renesas Technology Corp EL5481CS Datasheet HTML 8Page - Renesas Technology Corp EL5481CS Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
FN7199 Rev 0.00
Page 1 of 9
June 14, 2001
FN7199
Rev 0.00
June 14, 2001
EL5481, EL5482
Quad 8ns High-Speed Comparators
DATASHEET
The EL5481 and EL5482 comparators are designed for
operation in single supply and dual supply applications with
5V to 12V between VS+ and VS-. For single supplies, the
inputs can operate from 0.1V below ground for use in ground
sensing applications.
The output side of the comparators can be supplied from a
single supply of 2.7V to 5V. The rail-to-rail output swing
enables direct connection of the comparator to both CMOS
and TTL logic circuits.
The latch input of the EL5482 can be used to hold the
comparator output value by applying a low logic level to the
pin.
The EL5481 is available in the 16-pin SO (0.150") package
and the EL5482 in the 24-pin QSOP package. All are
specified for operation over the full -40°C to +85°C
temperature range. Also available are a single (EL5181), a
dual (EL5281), and a window comparator (EL5283).
Pinouts
Features
• 8ns Typ. Propagation Delay
• 5V to 12V Input Supply
• +2.7V to +5V Output Supply
• True-to-ground Input
• Rail-to-rail Outputs
• Active Low Latch
• Single (EL5181) Available
• Dual (EL5281) Available
• Window Available (EL5283)
• Pin-compatible 4ns Family Available (EL5185, EL5285,
EL5287, EL5485 & EL5486)
Applications
• Threshold Detection
• High Speed Sampling Circuits
• High Speed Triggers
• Line Receivers
• PWM Circuits
• High Speed V/F Converters
1
2
3
4
16
15
14
13
5
6
7
12
11
10
8
9
IND-
INA-
IND+
VS+
OUTD
OUTC
VSD
INC+
INC-
INA+
GND
OUTA
OUTB
VS-
INB+
INB-
-
++
+
+
-
--
EL5481
[16-PIN SO (0.150")]
TOP VIEW
1
2
3
4
16
15
14
13
5
6
7
12
11
9
8
10
20
19
18
17
24
23
22
21
EL5482
(24-PIN QSOP)
TOP VIEW
-
+
INA-
INA+
NC
LATCHA
LATCHB
NC
INB+
INB-
GND
VS-
OUTA
OUTB
IND-
IND+
NC
LATCHD
LATCHC
NC
INC+
INC-
VSD
VS+
OUTD
OUTC
Ordering Information
PART NUMBER
PACKAGE
TAPE &
REEL
PKG. NO.
EL5481CS
16-Pin SO (0.150")
-
MDP0027
EL5481CS-T7
16-Pin SO (0.150")
7”
MDP0027
EL5481CS-T13
16-Pin SO (0.150")
13”
MDP0027
EL5482CU
24-Pin QSOP
-
MDP0040
EL5482CU-T13
24-Pin QSOP
13”
MDP0040
OBSOL
ETE PR
ODUCT
NO REC
OMMEN
DED RE
PLACE
MENT
contact
our Tec
hnical S
upport
Center
at
1-888-IN
TERSIL
or www
.intersi
l.com/ts
c


Similar Part No. - EL5481CS

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL5481CS ELANTEC-EL5481CS Datasheet
112Kb / 11P
Quad 8ns High-Speed Comparators
logo
Intersil Corporation
EL5481CS INTERSIL-EL5481CS Datasheet
176Kb / 9P
Quad 8ns High-Speed Comparators
June 14, 2001
logo
Elantec Semiconductor
EL5481CS-T13 ELANTEC-EL5481CS-T13 Datasheet
112Kb / 11P
Quad 8ns High-Speed Comparators
logo
Intersil Corporation
EL5481CS-T13 INTERSIL-EL5481CS-T13 Datasheet
176Kb / 9P
Quad 8ns High-Speed Comparators
June 14, 2001
logo
Elantec Semiconductor
EL5481CS-T7 ELANTEC-EL5481CS-T7 Datasheet
112Kb / 11P
Quad 8ns High-Speed Comparators
More results

Similar Description - EL5481CS

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL5181C ELANTEC-EL5181C Datasheet
106Kb / 11P
8ns High-Speed Comparator
EL5281C ELANTEC-EL5281C Datasheet
108Kb / 11P
Dual 8ns High-Speed Comparator
EL5283C ELANTEC-EL5283C Datasheet
257Kb / 9P
Dual and Window 8ns High-Speed Comparators
EL5481C ELANTEC-EL5481C Datasheet
112Kb / 11P
Quad 8ns High-Speed Comparators
EL5485C ELANTEC-EL5485C Datasheet
119Kb / 12P
Quad 4ns High Speed Comparators
logo
Intersil Corporation
EL5281 INTERSIL-EL5281 Datasheet
161Kb / 9P
Dual 8ns High-Speed Comparator
June 14, 2001
EL5283 INTERSIL-EL5283 Datasheet
150Kb / 8P
Window 8ns High-Speed Comparator
January 17, 2002
EL5481 INTERSIL-EL5481 Datasheet
176Kb / 9P
Quad 8ns High-Speed Comparators
June 14, 2001
EL5485 INTERSIL-EL5485 Datasheet
154Kb / 9P
Quad 4ns High Speed Comparators
January 18, 2002
EL5181 INTERSIL-EL5181 Datasheet
106Kb / 9P
8ns High-Speed Comparator
December 4, 2001
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com