Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RC32012A Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # RC32012A
Description  FemtoClock Jitter Attenuator and Clock Generator
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RC32012A Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button RC32012A Datasheet HTML 9Page - Renesas Technology Corp RC32012A Datasheet HTML 10Page - Renesas Technology Corp RC32012A Datasheet HTML 11Page - Renesas Technology Corp RC32012A Datasheet HTML 12Page - Renesas Technology Corp RC32012A Datasheet HTML 13Page - Renesas Technology Corp RC32012A Datasheet HTML 14Page - Renesas Technology Corp RC32012A Datasheet HTML 15Page - Renesas Technology Corp RC32012A Datasheet HTML 16Page - Renesas Technology Corp RC32012A Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 66 page
background image
R31DS0078EU0103 Rev.1.03
Page 13
Sep 15, 2022
RC32012A Datasheet
IDD_DIG
Supply Current for VDD_DIG
VDD_DIG = 1.89V
190
mA
VDD_DIG = 1.26V
180
mA
VDD_GPIO_FOD
Power Supply Voltage for
FOD blocks FOD_5, GPIO
and other status / control
signals
1.71
1.8
1.89
V
IDD_GPIO_FOD [7] Supply Current for
VDD_GPIO_FOD [8]
VDD_GPIO_FOD = 1.89V
Base current (FOD Off)
IDD(FODBASE)
30
mA
Adder for FOD at
500MHz
IDD(FODPERFOD)
27
mA
Adder per 1MHz over
500MHz on FOD
IDD(FODPERMHZ)
0.012
mA/MHz
VDD_DIA_FOD_A
Supply Voltage for FOD
control logic for FOD_0 and
FOD_5 and for FOD_0
1.71
1.8
1.89
V
IDD_DIA_FOD_A
Supply Current for
VDD_DIA_FOD_A [9]
VDDA_DIA_FOD_A =
1.89V
45
mA
Adder per FOD at
500MHz
30
mA
Adder per FOD per
1MHz over 500MHz
0.012
mA/MHz
VDD_DIA_FOD_B
Supply Voltage for FOD
control logic for FOD_2 and
FOD_7 and for FOD_2 and
FOD_7
1.71
1.8
1.89
V
IDDA_DIA_FOD_B
[10]
Supply Current for
VDDA_DIA_FOD_B [9]
VDDA_DIA_FOD_B =
1.89V
69
mA
Adder per FOD at
500MHz
30
mA
Adder per FOD per
1MHz over 500MHz
0.012
mA/MHz
VDDO_Qx[11]
Output Clock Q Supply
Voltage [12]
1.14
3.465
V
1. VSS = 0V, TA = -40°C to 85°C.
2. Current consumption figures represent a worst-case consumption with all functions associated with the particular voltage supply being
all enabled and running at full capacity. This information is provided to allow for design of appropriate power supply circuits that will
support all possible register-based configurations for the device.
3. Supports 1.8V +5%, 2.5V +5%, or 3.3V +5% operation, not a continuous range.
4. IDD_CLKx denotes the current consumed by the appropriate VDD_CLKx supply voltage.
5. Supports 2.5V +5% or 3.3V +5% operation, not a continuous range.
6. Supports 1.2V +5% or 1.8V +5% operation, not a continuous range.
7. IDD_DCO_Qx denotes the current consumed by the appropriate VDD_DCO_Qx supply voltage. This is the current consumption for each
supply, not the total for all VDD_DCO_Qx.
Table 6. Power Supply DC Characteristics[1][2]
Symbol
Parameter
Test Condition
Minimum
Typical
Maximum
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com