Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RC32012A Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # RC32012A
Description  FemtoClock Jitter Attenuator and Clock Generator
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RC32012A Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button RC32012A Datasheet HTML 17Page - Renesas Technology Corp RC32012A Datasheet HTML 18Page - Renesas Technology Corp RC32012A Datasheet HTML 19Page - Renesas Technology Corp RC32012A Datasheet HTML 20Page - Renesas Technology Corp RC32012A Datasheet HTML 21Page - Renesas Technology Corp RC32012A Datasheet HTML 22Page - Renesas Technology Corp RC32012A Datasheet HTML 23Page - Renesas Technology Corp RC32012A Datasheet HTML 24Page - Renesas Technology Corp RC32012A Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 66 page
background image
R31DS0078EU0103 Rev.1.03
Page 21
Sep 15, 2022
RC32012A Datasheet
3.6
AC Electrical Characteristics
Table 18. AC Characteristics[1][2]
Symbol
Parameter
Test Condition
Minimum
Typical
Maximum
Unit
fVCO
Analog PLL VCO
Operating Frequency
VDDA_X[3] = 3.3V ±5%
13.4
13.8
GHz
VDDA_X[3] = 2.5V ±5%
13.5
13.9
fFOD
Fractional Output Divider
Operating Frequency
Measured with output divider set to /1
500
1000
MHz
fOUT
Output
Frequency
Differential
Output
0.0000005
1000
MHz
LVCMOS
Output
0.0000005
250
fOUT
Output Frequency
Accuracy[4]
0
ppb
Initial Frequency
Offset[5]
Switchover or Entering Holdover State
1
ppb
Output Phase Change in
Fully Hitless Switching[6]
Input references with phase difference < 100µs
350
ps
Input references with phase difference ≥ 100µs
1000
tSK
Output-to-Output
Skew[7][8]
Any two differential
outputs[9]
VDDO_Qx = 3.3V ±5%
65
150
ps
VDDO_Qx = 2.5V ±5%
VDDO_Qx = 1.8V ±5%
Any two outputs configured
as LVCMOS in-phase[10]
VDDO_Qx = 3.3V ±5%
100
255
VDDO_Qx = 2.5V ±5%
VDDO_Qx = 1.8V ±5%
VDDO_Qx = 1.5V
±5%[11]
VDDO_Qx = 1.2V
±5%[11]
Q to nQ of same output pair,
configured as LVCMOS, in-
phase[10]
VDDO_Qx = 3.3V ±5%
20
90
VDDO_Qx = 2.5V ±5%
20
130
VDDO_Qx = 1.8V ±5%
VDDO_Qx = 1.5V
±5%[11]
VDDO_Qx = 1.2V
±5%[11]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com