Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMDS341APFC Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TMDS341APFC
Description  3-TO-1 DVI/HDMI SWITCH
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMDS341APFC Datasheet(HTML) 7 Page - Texas Instruments

Back Button TMDS341APFC Datasheet HTML 3Page - Texas Instruments TMDS341APFC Datasheet HTML 4Page - Texas Instruments TMDS341APFC Datasheet HTML 5Page - Texas Instruments TMDS341APFC Datasheet HTML 6Page - Texas Instruments TMDS341APFC Datasheet HTML 7Page - Texas Instruments TMDS341APFC Datasheet HTML 8Page - Texas Instruments TMDS341APFC Datasheet HTML 9Page - Texas Instruments TMDS341APFC Datasheet HTML 10Page - Texas Instruments TMDS341APFC Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
www.ti.com
ABSOLUTE MAXIMUM RATINGS
DISSIPATION RATINGS
RECOMMENDED OPERATING CONDITIONS
TMDS341A
SLLS702 – MAY 2006
over operating free-air temperature range (unless otherwise noted)(1)
UNIT
Supply voltage range, VCC(2)
–0.5 V to 4 V
Anm(3), Bnm
2.5 V to 4 V
Voltage range
Ym, Zm, VSADJ, PRE, Sn, OE, HPDn
–0.5V to 4 V
SCLn, SCL_SINK, SDAn, SDA_SINK, HPD_SINK
–0.5 V to 6 V
Anm, Bnm
5 kV
Human body model(4)
All pins
4 kV
Electrostatic
discharge
Charged-device model(5) (all pins)
1000 V
Machine model (6) (all pins)
250 V
See Dissipation Rating
Continuous power dissipation
Table
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage values, except differential I/O bus voltages, are with respect to network ground terminal.
(3)
n = 1, 2, 3; m = 1, 2, 3, 4
(4)
Tested in accordance with JEDEC Standard 22, Test Method A114-B
(5)
Tested in accordance with JEDEC Standard 22, Test Method C101-A
(6)
Tested in accordance with JEDEC Standard 22, Test Method A115-A
DERATING FACTOR (1)
TA = 70°C
PACKAGE
TA ≤ 25°C
ABOVE TA = 25°C
POWER RATING
80-TQFP
1342 mW
13.42 mW/
°C
738 mW
(1)
This is the inverse of the junction-to-ambient thermal resistance when board-mounted and with no air flow.
MIN
NOM
MAX
UNIT
VCC
Supply voltage
3
3.3
3.6
V
TA
Operating free-air temperature
0
70
°C
TMDS DIFFERENTIAL PINS (A/B)
VID
Receiver peak-to-peak differential input voltage
150
1560
mVp-p
VIC
Input common mode voltage
VCC–0.4
VCC+0.01
V
RVSADJ
Resistor for TMDS compliant voltage swing range
4.6
4.64
4.68
k
Ω
AVCC
TMDS output termination voltage, see Figure 1
3
3.3
3.6
V
RT
Termination resistance, see Figure 1
45
50
55
Ω
Signaling rate
0
1.65
Gbps
CONTROL PINS (PRE; S, OE)
VIH
LVTTL High-level input voltage
2
VCC
V
VIL
LVTTL Low-level input voltage
GND
0.8
V
DDC I/O PINS (SCL, SCL_SINK, SDA, SDA_SINK)
VI(DDC)
Input voltage
GND
5.5
V
STATUS PINS (HPD_SINK)
VIH
LVTTL High-level input voltage
2
5.3
V
VIL
LVTTL Low-level input voltage
GND
0.8
V
7
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com