Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMDS341APFC Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # TMDS341APFC
Description  3-TO-1 DVI/HDMI SWITCH
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMDS341APFC Datasheet(HTML) 12 Page - Texas Instruments

Back Button TMDS341APFC Datasheet HTML 8Page - Texas Instruments TMDS341APFC Datasheet HTML 9Page - Texas Instruments TMDS341APFC Datasheet HTML 10Page - Texas Instruments TMDS341APFC Datasheet HTML 11Page - Texas Instruments TMDS341APFC Datasheet HTML 12Page - Texas Instruments TMDS341APFC Datasheet HTML 13Page - Texas Instruments TMDS341APFC Datasheet HTML 14Page - Texas Instruments TMDS341APFC Datasheet HTML 15Page - Texas Instruments TMDS341APFC Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 25 page
background image
www.ti.com
Input−1
Kept
High
Input−2/Input−3
Kept Low
A
B
A
B
S1 Clocking
S2 or S3
Kept High
Y
Z
Output
OE
tsx
tdis
ten
tsx
Hi−Z
75 mV
−75 mV
75 mV
−75 mV
3.3 V
0 V
VCC
2
0 V
VCC
2
3.3 V
tpd(HPD)
tpd(HPD)
tsx(HPD)
tpd(DDC)
tpd(DDC)
0 V
VCC
2
VCC
2
VCC
2
0 V
2.4 V
0.4 V
VCC
2
VCC
2
HPD_SINK
HPD1
HPD2
HPD3
S1
S2
S3
SDA_SINK
SDA1
SDA2
SDA3
TMDS341A
SLLS702 – MAY 2006
PARAMETER MEASUREMENT INFORMATION (continued)
Figure 6. TMDS Outputs Control Timing Definitions
Figure 7. HPD Timing Definitions
12
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com