Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RYZ012 Datasheet(PDF) 15 Page - Renesas Technology Corp

Part # RYZ012
Description  Wireless Communication Module for Bluetooth® 5 Low Energy
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RYZ012 Datasheet(HTML) 15 Page - Renesas Technology Corp

Back Button RYZ012 Datasheet HTML 11Page - Renesas Technology Corp RYZ012 Datasheet HTML 12Page - Renesas Technology Corp RYZ012 Datasheet HTML 13Page - Renesas Technology Corp RYZ012 Datasheet HTML 14Page - Renesas Technology Corp RYZ012 Datasheet HTML 15Page - Renesas Technology Corp RYZ012 Datasheet HTML 16Page - Renesas Technology Corp RYZ012 Datasheet HTML 17Page - Renesas Technology Corp RYZ012 Datasheet HTML 18Page - Renesas Technology Corp RYZ012 Datasheet HTML 19Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 21 page
background image
RYZ012
R12DS0002EU0101 Rev.1.01
Page 15 of 24
May.05.22
Antenna Trace Design
The antenna trace connecting the modules RF pad with the antenna connector must be designed to have 50
Ohms impedance. The impedance of the trace depends on different parameters such as the dielectric
constant, trace width and height and distances to ground planes. The integrator should use a calculator such
as AWR TXLine to compute the exact geometry of the antenna trace. The picture below shows an exemplary
configuration for a Coplanar Wave Gu
ide antenna trace with εr = 4.7 and 1 mm substrate height.
Figure 10. AWR TXLine Tool for Antenna Trace Impedance Calculation
Antennas
RYZ012A1
The RYZ012A1 has an integrated antenna. The host integrator should follow the instructions from to ensure
best antenna performance.
RYZ012B1
The RYZ012B1 does not have an own antenna, but comes with an antenna pad instead. The antenna must
be provided by the host device. Please strictly follow the integration instructions given to ensure proper
antenna performance.
RYZ012B1 has been certified in all regions with antenna model
PulseLarsen W1095K
Which is a monopole antenna with 1 dBi gain.
FCC/ISED (North America)
FCC/ISED covered regions allow the use of other monopole antennas with less than 1dBi gain. Antennas
which do not fulfill both requirements must be tested before they may be used with the module. Please
contact Renesas for further information.
Important Notice: If the antenna is not fixed to the device, the antenna connector must be unique (non-
standard). One type of antenna connector that fulfils this requirement is the Reverse SMA connector.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com