Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RYZ012 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # RYZ012
Description  Wireless Communication Module for Bluetooth® 5 Low Energy
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RYZ012 Datasheet(HTML) 2 Page - Renesas Technology Corp

  RYZ012 Datasheet HTML 1Page - Renesas Technology Corp RYZ012 Datasheet HTML 2Page - Renesas Technology Corp RYZ012 Datasheet HTML 3Page - Renesas Technology Corp RYZ012 Datasheet HTML 4Page - Renesas Technology Corp RYZ012 Datasheet HTML 5Page - Renesas Technology Corp RYZ012 Datasheet HTML 6Page - Renesas Technology Corp RYZ012 Datasheet HTML 7Page - Renesas Technology Corp RYZ012 Datasheet HTML 8Page - Renesas Technology Corp RYZ012 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
RYZ012
R12DS0002EU0101 Rev.1.01
Page 2 of 24
May.05.22
Pin Arrangement
10
9
8
7
6
5
4
3
2
1
11
12
13
14
15
16
18
20
19
T4
T3
T5
T2
T1
T6
PA0
PA1
PA7
PB1
PC1
PC4
PD7
PD4
PD3
PD2
NRST
17
Pin Description
Pin No.
Name
Type
Driving
Strength
Notes
Input/Output in used
High
Low
PB5 = Low
(UART)
PB5 = High
(SPI)
1
PA0
Digital I/O
4 mA
2 mA
UART RX
Input
(RX)
Open
(Unused)
2
PA1
Digital I/O
4 mA
2 mA
Unused
Open (Unused)
3
PA7
Digital I/O
8 mA
4 mA
SWS enabled after power on
Pull up (SWS)
4
PB1
Digital I/O
8 mA
4 mA
UART TX
Output
(TX)
Open
(Unused)
5
PB4
Digital I/O
16 mA
12 mA
Interrupt
Output
6
PB5
Digital I/O
16 mA
12 mA
UART/SPI Select (Set low
for UART, set high for SPI)
Input
(Low)
Input
(High)
7
PB6
Digital I/O
16 mA
12 mA
SPI DI
Open
(Unused)
Input
(DI)
8
PB7
Digital I/O
16 mA
12 mA
SPI DO
Open
(Unused)
Output
(DO)
9
VDD
Supply
N/A
Power supply input
VDD
10
PC0
Digital I/O
4 mA
2 mA
Unused
Open (Unused)
11
PC1
Digital I/O
4 mA
2 mA
Unused
Open (Unused)
12
PC4
Digital I/O
4 mA
2 mA
Unused
Open (Unused)
13
PD7
Digital I/O
4 mA
2 mA
SPI Clock
Open
(Unused)
Input
(SPI Clock)
14
PD4
Digital I/O
4 mA
2 mA
Unused
Open (Unused)
15
PD3
Digital I/O
4 mA
2 mA
Unused
Open (Unused)
16
PD2
Digital I/O
4 mA
2 mA
SPI CN
Open
(Unused)
Input
(SPI CN)
17
NRST
Reset
N/A
Reset
Reset
18
GND
Supply
N/A
Ground
GND
19
ANT
Analog
N/A
No connection for RYZ012A
Open (RYZ012A)
50-
Ω Antenna for RYZ012B
Antenna (RYZ012B)
20
GND
Supply
N/A
Ground
GND
T1 – T6
GND
Supply
N/A
Ground
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com