Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M24C64P-FCU6T/TF Datasheet(PDF) 6 Page - STMicroelectronics

Part # M24C64P-FCU6T/TF
Description  64-Kbit serial I²C bus EEPROM 4 balls CSP
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24C64P-FCU6T/TF Datasheet(HTML) 6 Page - STMicroelectronics

Back Button M24C64P-FCU6T/TF Datasheet HTML 2Page - STMicroelectronics M24C64P-FCU6T/TF Datasheet HTML 3Page - STMicroelectronics M24C64P-FCU6T/TF Datasheet HTML 4Page - STMicroelectronics M24C64P-FCU6T/TF Datasheet HTML 5Page - STMicroelectronics M24C64P-FCU6T/TF Datasheet HTML 6Page - STMicroelectronics M24C64P-FCU6T/TF Datasheet HTML 7Page - STMicroelectronics M24C64P-FCU6T/TF Datasheet HTML 8Page - STMicroelectronics M24C64P-FCU6T/TF Datasheet HTML 9Page - STMicroelectronics M24C64P-FCU6T/TF Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 36 page
background image
Description
M24C64P-FCU
6/36
DocID030474 Rev 1
1
Description
The M24C64P-FCU is a 64-Kbit I2C-compatible EEPROM (Electrically Erasable
PROgrammable Memory) organized as 8 K × 8 bits.
The M24C64P-FCU can be hooked on the same bus as the M24C64R-FCU, M24C64S-
FCU, M24C64T-FCU and M24C64M-FCU in WLCSP 4 bump, thanks to specific device
select code.
The M24C64P-FCU can operate with a supply voltage from 1.7 V to 5.5 V, over an ambient
temperature range of -40 °C/+85 °C and with an extended supply voltage from 1.6 V to 5.5
V, over a reduced ambient temperature range.
The M24C64P-FCU is delivered in a 4-ball WLCSP package.
Figure 1. Logic diagram
Table 1. Signal names
Signal name
Function
Direction
SDA
Serial Data
I/O
SCL
Serial Clock
Input
VCC
Supply voltage
-
VSS
Ground
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com