Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M24C64P-FCU6T/TF Datasheet(PDF) 18 Page - STMicroelectronics

Part # M24C64P-FCU6T/TF
Description  64-Kbit serial I²C bus EEPROM 4 balls CSP
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24C64P-FCU6T/TF Datasheet(HTML) 18 Page - STMicroelectronics

Back Button M24C64P-FCU6T/TF Datasheet HTML 14Page - STMicroelectronics M24C64P-FCU6T/TF Datasheet HTML 15Page - STMicroelectronics M24C64P-FCU6T/TF Datasheet HTML 16Page - STMicroelectronics M24C64P-FCU6T/TF Datasheet HTML 17Page - STMicroelectronics M24C64P-FCU6T/TF Datasheet HTML 18Page - STMicroelectronics M24C64P-FCU6T/TF Datasheet HTML 19Page - STMicroelectronics M24C64P-FCU6T/TF Datasheet HTML 20Page - STMicroelectronics M24C64P-FCU6T/TF Datasheet HTML 21Page - STMicroelectronics M24C64P-FCU6T/TF Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 36 page
background image
Instructions
M24C64P-FCU
18/36
DocID030474 Rev 1
5.1.4
Minimizing Write delays by polling on ACK
During the internal Write cycle, the device disconnects itself from the bus, and writes a copy
of the data from its internal latches to the memory cells. The maximum Write time (tw) is
shown in AC characteristics tables in Section 8: DC and AC parameters, but the typical time
is shorter. To make use of this, a polling sequence can be used by the bus master.
The sequence, as shown in Figure 7, is:
•
Initial condition: a Write cycle is in progress.
•
Step 1: the bus master issues a Start condition followed by a device select code (the
first byte of the new instruction).
•
Step 2: if the device is busy with the internal Write cycle, no Ack will be returned and
the bus master goes back to Step 1. If the device has terminated the internal Write
cycle, it responds with an Ack, indicating that the device is ready to receive the second
part of the instruction (the first byte of this instruction having been sent during Step 1).
Figure 7. Write cycle polling flowchart using ACK
1. The seven most significant bits of the Device Select code of a Random Read (bottom right box in the
figure) must be identical to the seven most significant bits of the Device Select code of the Write (polling
instruction in the figure).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com