Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M95M02-DRMN6P/K Datasheet(PDF) 8 Page - STMicroelectronics

Part # M95M02-DRMN6P/K
Description  2-Mbit serial SPI bus EEPROM
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95M02-DRMN6P/K Datasheet(HTML) 8 Page - STMicroelectronics

Back Button M95M02-DRMN6P/K Datasheet HTML 4Page - STMicroelectronics M95M02-DRMN6P/K Datasheet HTML 5Page - STMicroelectronics M95M02-DRMN6P/K Datasheet HTML 6Page - STMicroelectronics M95M02-DRMN6P/K Datasheet HTML 7Page - STMicroelectronics M95M02-DRMN6P/K Datasheet HTML 8Page - STMicroelectronics M95M02-DRMN6P/K Datasheet HTML 9Page - STMicroelectronics M95M02-DRMN6P/K Datasheet HTML 10Page - STMicroelectronics M95M02-DRMN6P/K Datasheet HTML 11Page - STMicroelectronics M95M02-DRMN6P/K Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 45 page
background image
5
Operating features
5.1
Supply voltage (VCC)
5.1.1
Operating supply voltage (VCC)
Before selecting the memory and issuing instructions to it, a valid and stable VCC voltage within the specified
[VCC(min), VCC(max)] range must be applied (see operating conditions in Section 9 DC and AC parameters).
This voltage must remain stable and valid until the end of the transmission of the instruction and, for a write
instruction, until the completion of the internal write cycle (tW). In order to secure a stable DC supply voltage, it is
recommended to decouple the VCC line with a suitable capacitor (usually in the range between 10 and 100 nF)
close to the VCC / VSS device pins.
5.1.2
Device reset
In order to prevent erroneous instruction decoding and inadvertent write operations during power-up, a power-on-
reset (POR) circuit is included. At power-up, the device does not respond to any instruction until VCC reaches the
POR threshold voltage. This threshold is lower than the minimum VCC operating voltage (see operating conditions
in Section 9 DC and AC parameters).
At power-up, when VCC passes over the POR threshold, the device is reset and is in the following state:
•
in standby power mode,
•
deselected,
•
Status register values:
–
the write enable latch (WEL) bit is reset to 0
–
the write in progress (WIP) bit is reset to 0
–
the SRWD, BP1 and BP0 bits remain unchanged (nonvolatile bits).
It is important to note that the device must not be accessed until VCC reaches a valid and stable level within
the specified [VCC(min), VCC(max)] range, as defined under operating conditions in Section 9 DC and AC
parameters.
5.1.3
Power-up conditions
When the power supply is turned on, VCC rises continuously from VSS to VCC. During this time, the chip select (S)
line is not allowed to float but should follow the VCC voltage. It is therefore recommended to connect the S line to
VCC via a suitable pull-up resistor (see Figure 5. Bus master and memory devices on the SPI bus).
In addition, the chip select (S) input offers a built-in safety feature, as the S input is edge-sensitive as well as
level-sensitive: after power-up, the device does not become selected until a falling edge has first been detected
on chip select (S). This ensures that chip select (S) must have been high, prior to going low to start the first
operation.
The VCC voltage has to rise continuously from 0 V up to the minimum VCC operating voltage defined under
operating conditions in Section 9 DC and AC parameters.
M95M02-DR M95M02-DF
Operating features
DS7024 - Rev 13
page 8/45



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com