Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M95M02-DRMN6P/K Datasheet(PDF) 39 Page - STMicroelectronics

Part # M95M02-DRMN6P/K
Description  2-Mbit serial SPI bus EEPROM
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95M02-DRMN6P/K Datasheet(HTML) 39 Page - STMicroelectronics

Back Button M95M02-DRMN6P/K Datasheet HTML 35Page - STMicroelectronics M95M02-DRMN6P/K Datasheet HTML 36Page - STMicroelectronics M95M02-DRMN6P/K Datasheet HTML 37Page - STMicroelectronics M95M02-DRMN6P/K Datasheet HTML 38Page - STMicroelectronics M95M02-DRMN6P/K Datasheet HTML 39Page - STMicroelectronics M95M02-DRMN6P/K Datasheet HTML 40Page - STMicroelectronics M95M02-DRMN6P/K Datasheet HTML 41Page - STMicroelectronics M95M02-DRMN6P/K Datasheet HTML 42Page - STMicroelectronics M95M02-DRMN6P/K Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 45 page
background image
Revision history
Table 20. Document revision history
Date
Revision
Changes
15-Nov-2010
1
Initial release.
10-Dec-2010
2
Updated DC and AC characteristics according to characterization test results.
10-Jan-2011
3
Updated ordering information.
10-May-2011
4
Updated Table 13: AC characteristics and related text, and Table 12: DC characteristics.
19-Oct-2011
5
Changed datasheet status to full datasheet.
Modified Section 1: Description.
Added Figure 3: WLSCP connections (bump side view).
Updated Figure 4: Bus master and memory devices on the SPI bus and
Figure 7: Block diagram.
Modified Section 7: ECC (error correction code) and write cycling.
Updated Note 2 in Table 7: Absolute maximum ratings.
Added Table 8: Memory cell characteristics.
Updated Figure 24: M95M02-DR WLCSP package outline and Table 15:
M95M02-DR WLCSP package mechanical data.
Updated disclaimer on last page.
04-Oct-2012
6
Text and structure of document modified as per new M95xxx standard EEPROM datasheet
template.
Updated:
•
Cycling: 4 million cycles
•
Data retention: 200 years
Added:
•
Standard WLCSP (CS)
19-Dec-2012
7
Updated Section 7.2: Initial delivery state.
Restored Figure 23, Figure 24 and Figure 25.
13-Mar-2013
8
Document reformatted.
Replaced “ball” by “bump” in the entire document.
Deleted Figure 3: Thin WLCSP connections (bump side view), Figure 24: M95M02-DR thin WLCSP
package (CT) outline, bump side view and
Table 15: M95M02-DR thin WLCSP package mechanical data.
Renamed Figure 39: M95M02-DRCS6TP/K, WLCSP standard package outline, bump side view and
Table 55: M95M02-DRCS6TP/K, WLCSP package mechanical data.
Updated package information in Table 20: Ordering information scheme.
15-Sep-2014
9
Updated WLCSP (CS) package figure on cover page.
Removed “Preliminary data” footnote from Figure 3, Figure 24 and Table 16.
Removed note about exposure to UV light in Section 10: Package information.
Updated Table 4: Instruction set, and removed footnotes from it.
Added Table 5: Significant bits within the address bytes and Figure 27:
WLCSP 8-bump wafer length chip-scale recommended land pattern.
Updated Note 1 in Table 12: Absolute maximum ratings.
Updated Table 16: AC characteristics and Table 20: Ordering information scheme.
22-Jun-2015
10
Updated Features and WLCSP figure on cover page.
Updated Figure 3: WLCSP connections, Figure 4: Block diagram and Figure 14: Page Write
(WRITE) sequence.
M95M02-DR M95M02-DF
DS7024 - Rev 13
page 39/45



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com