Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M95M02-DRCS6P/K Datasheet(PDF) 24 Page - STMicroelectronics

Part # M95M02-DRCS6P/K
Description  2-Mbit serial SPI bus EEPROM
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95M02-DRCS6P/K Datasheet(HTML) 24 Page - STMicroelectronics

Back Button M95M02-DRCS6P/K Datasheet HTML 20Page - STMicroelectronics M95M02-DRCS6P/K Datasheet HTML 21Page - STMicroelectronics M95M02-DRCS6P/K Datasheet HTML 22Page - STMicroelectronics M95M02-DRCS6P/K Datasheet HTML 23Page - STMicroelectronics M95M02-DRCS6P/K Datasheet HTML 24Page - STMicroelectronics M95M02-DRCS6P/K Datasheet HTML 25Page - STMicroelectronics M95M02-DRCS6P/K Datasheet HTML 26Page - STMicroelectronics M95M02-DRCS6P/K Datasheet HTML 27Page - STMicroelectronics M95M02-DRCS6P/K Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 45 page
background image
6.9
Read lock status (available only in M95M02-D device)
The read lock status instruction (see Table 4. Instruction set) is used to check whether the identification page is
locked or not in Read-only mode. The read lock status sequence is defined with the chip select (S) first driven
low. The bits of the instruction byte and address bytes are then shifted in on serial data input (D). Address bit A10
must be 1, all other address bits are "Don't Care". The lock bit is the LSB (least significant bit) of the byte read on
serial data output (Q). It is at “1” when the lock is active and at “0” when the lock is not active. If chip select (S)
continues to be driven low, the same data byte is shifted out. The read cycle is terminated by driving chip select
(S) high.
The instruction sequence is shown in Figure 18.
Figure 18. Read lock status sequence
MS30910V1
C
D
S
Q
2
1
3 4 5 6 7 8 9 10
28 29 30 31 32 33 34 35
3 2 1 0
36 37 38
7 6 5 4 3
1
7
0
High impedance
Data Out 1
Instruction
24-bit address
0
MSB
MSB
2
39
Data Out 2
23 22 21
M95M02-DR M95M02-DF
Read lock status (available only in M95M02-D device)
DS7024 - Rev 13
page 24/45



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com