Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M95M02-DRCS6P/K Datasheet(PDF) 1 Page - STMicroelectronics

Part # M95M02-DRCS6P/K
Description  2-Mbit serial SPI bus EEPROM
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95M02-DRCS6P/K Datasheet(HTML) 1 Page - STMicroelectronics

  M95M02-DRCS6P/K Datasheet HTML 1Page - STMicroelectronics M95M02-DRCS6P/K Datasheet HTML 2Page - STMicroelectronics M95M02-DRCS6P/K Datasheet HTML 3Page - STMicroelectronics M95M02-DRCS6P/K Datasheet HTML 4Page - STMicroelectronics M95M02-DRCS6P/K Datasheet HTML 5Page - STMicroelectronics M95M02-DRCS6P/K Datasheet HTML 6Page - STMicroelectronics M95M02-DRCS6P/K Datasheet HTML 7Page - STMicroelectronics M95M02-DRCS6P/K Datasheet HTML 8Page - STMicroelectronics M95M02-DRCS6P/K Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 45 page
background image
Features
Compatible with the serial peripheral interface (SPI) bus
Memory array
•
2 Mbits (256 Kbytes) of EEPROM
•
Page size: 256 bytes
•
Write protection by block: ¼, ½, or whole memory
•
Additional write lockable page (identification page)
Write
•
Byte write within 10 ms
•
Page write within 10 ms
Clock frequency: 5 MHz
Single supply voltage
•
1.7 to 5.5 V over -20 °C to +85 °C
•
1.8 to 5.5 V over -40 °C to +85 °C
Operating temperature range
•
From -40 °C up to +85 °C
Enhanced ESD protection
More than 4 million write cycles
More than 200-year data retention
Packages
•
ECOPACK2 (RoHS compliant and halogen-free ) packages:
–
SO8N
–
WLCSP8
SO8N
(150 mil width)
WLCSP8
(3.556 × 2.011 mm)
Product status link
M95M02-DR
M95M02-DF
2-Mbit serial SPI bus EEPROM
M95M02-DR M95M02-DF
Datasheet
DS7024 - Rev 13 - October 2022
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - M95M02-DRCS6P/K

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M95M02-DR STMICROELECTRONICS-M95M02-DR Datasheet
804Kb / 45P
2-Mbit serial SPI bus EEPROM
June 2015 Rev 10
M95M02-DRMN6TP STMICROELECTRONICS-M95M02-DRMN6TP Datasheet
1Mb / 41P
2-Mbit serial SPI bus EEPROM
13-Mar-2013
More results

Similar Description - M95M02-DRCS6P/K

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
25AA1024 MICROCHIP-25AA1024 Datasheet
591Kb / 30P
1 Mbit SPI Bus Serial EEPROM
2007
25AA1024 MICROCHIP-25AA1024_10 Datasheet
561Kb / 34P
1 Mbit SPI Bus Serial EEPROM
2010
25AA1024_1005 MICROCHIP-25AA1024_1005 Datasheet
561Kb / 34P
1 Mbit SPI Bus Serial EEPROM
2010
25LC1024-ESM MICROCHIP-25LC1024-ESM Datasheet
705Kb / 34P
1 Mbit SPI Bus Serial EEPROM
2010
logo
STMicroelectronics
M95M02-DRMN6TP STMICROELECTRONICS-M95M02-DRMN6TP Datasheet
1Mb / 41P
2-Mbit serial SPI bus EEPROM
13-Mar-2013
logo
Microchip Technology
25AA1024 MICROCHIP-25AA1024_15 Datasheet
496Kb / 36P
1 Mbit SPI Bus Serial EEPROM
01/27/15
logo
STMicroelectronics
M95M02-A125 STMICROELECTRONICS-M95M02-A125 Datasheet
712Kb / 39P
Automotive 2 Mbit serial SPI bus EEPROM
July 2015 Rev 5
M95M02-DR STMICROELECTRONICS-M95M02-DR Datasheet
804Kb / 45P
2-Mbit serial SPI bus EEPROM
June 2015 Rev 10
M95M01-DF STMICROELECTRONICS-M95M01-DF Datasheet
878Kb / 51P
1-Mbit serial SPI bus EEPROM
21-Feb-2017
M95M04-DR STMICROELECTRONICS-M95M04-DR Datasheet
843Kb / 46P
4-Mbit serial SPI bus EEPROM
October 2019 Rev 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com