Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2PD601ART-Q Datasheet(PDF) 5 Page - Nexperia B.V. All rights reserved

Part # 2PD601ART-Q
Description  50 V, 100 mA NPN general-purpose transistor
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

2PD601ART-Q Datasheet(HTML) 5 Page - Nexperia B.V. All rights reserved

  2PD601ART-Q Datasheet HTML 1Page - Nexperia B.V. All rights reserved 2PD601ART-Q Datasheet HTML 2Page - Nexperia B.V. All rights reserved 2PD601ART-Q Datasheet HTML 3Page - Nexperia B.V. All rights reserved 2PD601ART-Q Datasheet HTML 4Page - Nexperia B.V. All rights reserved 2PD601ART-Q Datasheet HTML 5Page - Nexperia B.V. All rights reserved 2PD601ART-Q Datasheet HTML 6Page - Nexperia B.V. All rights reserved 2PD601ART-Q Datasheet HTML 7Page - Nexperia B.V. All rights reserved 2PD601ART-Q Datasheet HTML 8Page - Nexperia B.V. All rights reserved 2PD601ART-Q Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
Nexperia
2PD601ART-Q
50 V, 100 mA NPN general-purpose transistor
10. Characteristics
Table 7. Characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VCB = 60 V; IE = 0 A; Tamb = 25 °C
-
-
10
nA
ICBO
collector-base cut-off
current
VCB = 60 V; IE = 0 A; Tj = 150 °C
-
-
5
µA
IEBO
emitter-base cut-off
current
VEB = 5 V; IC = 0 A; Tamb = 25 °C
-
-
10
nA
VCE = 2 V; IC = 100 mA; Tamb = 25 °C
90
-
-
hFE
DC current gain
VCE = 10 V; IC = 2 mA; Tamb = 25 °C
210
-
340
VCEsat
collector-emitter
saturation voltage
IC = 100 mA; IB = 10 mA; tp ≤ 300 µs;
δ ≤ 0.02; Tamb = 25 °C
-
-
250
mV
Cc
collector capacitance
VCB = 10 V; IE = 0 A; ie = 0 A; f = 1 MHz
-
-
3
pF
fT
transition frequency
VCE = 10 V; IC = 2 mA; f = 100 MHz;
Tamb = 25 °C
100
-
-
MHz
IC (mA)
10- 1
102
10
1
006aaa992
200
300
100
400
500
hFE
0
(1)
(2)
(3)
VCE = 10 V
(1) Tamb = 150 °C
(2) Tamb = 25 °C
(3) Tamb = -55 °C
Fig. 3. DC current gain as a function of collector
current; typical values
VCE (V)
0
10
8
4
6
2
006aaa993
0.04
0.06
0.02
0.08
0.1
IC
(A)
0
IB (mA) = 0.56
0.50
0.44
0.38
0.32
0.26
0.20
0.14
0.08
0.02
Tamb = 25 °C
Fig. 4. Collector current as a function of collector-
emitter voltage; typical values
2PD601ART-Q
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2022. All rights reserved
Product data sheet
12 January 2022
5 / 11



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com