Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2PD601ART-Q Datasheet(PDF) 1 Page - Nexperia B.V. All rights reserved

Part # 2PD601ART-Q
Description  50 V, 100 mA NPN general-purpose transistor
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

2PD601ART-Q Datasheet(HTML) 1 Page - Nexperia B.V. All rights reserved

  2PD601ART-Q Datasheet HTML 1Page - Nexperia B.V. All rights reserved 2PD601ART-Q Datasheet HTML 2Page - Nexperia B.V. All rights reserved 2PD601ART-Q Datasheet HTML 3Page - Nexperia B.V. All rights reserved 2PD601ART-Q Datasheet HTML 4Page - Nexperia B.V. All rights reserved 2PD601ART-Q Datasheet HTML 5Page - Nexperia B.V. All rights reserved 2PD601ART-Q Datasheet HTML 6Page - Nexperia B.V. All rights reserved 2PD601ART-Q Datasheet HTML 7Page - Nexperia B.V. All rights reserved 2PD601ART-Q Datasheet HTML 8Page - Nexperia B.V. All rights reserved 2PD601ART-Q Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
2PD601ART-Q
50 V, 100 mA NPN general-purpose transistor
12 January 2022
Product data sheet
1. General description
NPN general-purpose transistor in a small SOT23 (TO-236AB) Surface-Mounted Device (SMD)
plastic package.
PNP complement: 2PB709ART.
2. Features and benefits
• General-purpose transistor
• Small SMD plastic package
• Qualified according to AEC-Q101 and recommended for use in automotive applications
3. Applications
• General-purpose switching and amplification
4. Quick reference data
Table 1. Quick reference data
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VCEO
collector-emitter
voltage
open base
-
-
50
V
IC
collector current
-
-
100
mA
hFE
DC current gain
VCE = 10 V; IC = 2 mA; Tamb = 25 °C
210
-
340


Similar Part No. - 2PD601ART-Q

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
2PD601ART-QR NEXPERIA-2PD601ART-QR Datasheet
247Kb / 10P
50 V, 100 mA NPN general-purpose transistor
1 January 2023
More results

Similar Description - 2PD601ART-Q

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
2PD601ASL NXP-2PD601ASL Datasheet
56Kb / 9P
50 V, 100 mA NPN general-purpose transistors
Rev. 01-6 November 2008
2PD601A NXP-2PD601A Datasheet
131Kb / 8P
NPN general purpose transistors; 50 V, 100 mA
2002 Jun 26
2PD601ART NXP-2PD601ART Datasheet
92Kb / 10P
50 V, 100 mA NPN general-purpose transistor
Rev. 01-15 March 2007
PUML1 NXP-PUML1 Datasheet
96Kb / 12P
50 V, 200 mA NPN general-purpose transistor/100 mA NPN resistor-equipped transistor
Rev. 01-14 July 2008
logo
Nexperia B.V. All right...
2PD601ART NEXPERIA-2PD601ART Datasheet
247Kb / 10P
50 V, 100 mA NPN general-purpose transistor
1 January 2023
2PD601ARW-Q NEXPERIA-2PD601ARW-Q Datasheet
225Kb / 11P
50 V, 100 mA NPN general purpose transistor
7 September 2022
2PD601ARW NEXPERIA-2PD601ARW Datasheet
243Kb / 9P
50 V, 100 mA NPN general purpose transistor
1 October 2022
2PD601ASW-Q NEXPERIA-2PD601ASW-Q Datasheet
226Kb / 11P
50 V, 100 mA NPN general purpose transistor
7 September 2022
2PD601ASW NEXPERIA-2PD601ASW Datasheet
250Kb / 9P
50 V, 100 mA NPN general purpose transistor
1 October 2022
PUML1 NEXPERIA-PUML1 Datasheet
211Kb / 13P
50 V, 200 mA NPN general-purpose transistor/ 100 mA NPN resistor-equipped transistor
Rev. 01 - 14 July 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com