Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2PD602ASL-Q Datasheet(PDF) 3 Page - Nexperia B.V. All rights reserved

Part # 2PD602ASL-Q
Description  50 V, 500 mA NPN general-purpose transistors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

2PD602ASL-Q Datasheet(HTML) 3 Page - Nexperia B.V. All rights reserved

  2PD602ASL-Q Datasheet HTML 1Page - Nexperia B.V. All rights reserved 2PD602ASL-Q Datasheet HTML 2Page - Nexperia B.V. All rights reserved 2PD602ASL-Q Datasheet HTML 3Page - Nexperia B.V. All rights reserved 2PD602ASL-Q Datasheet HTML 4Page - Nexperia B.V. All rights reserved 2PD602ASL-Q Datasheet HTML 5Page - Nexperia B.V. All rights reserved 2PD602ASL-Q Datasheet HTML 6Page - Nexperia B.V. All rights reserved 2PD602ASL-Q Datasheet HTML 7Page - Nexperia B.V. All rights reserved 2PD602ASL-Q Datasheet HTML 8Page - Nexperia B.V. All rights reserved  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Nexperia
2PD602ASL-Q
50 V, 500 mA NPN general-purpose transistors
8. Limiting values
Table 5. Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VCBO
collector-base voltage
open emitter
-
60
V
VCEO
collector-emitter voltage open base
-
50
V
VEBO
emitter-base voltage
open collector
-
5
V
IC
collector current
-
500
mA
ICM
peak collector current
-
1
A
IBM
peak base current
single pulse; tp ≤ 1 ms
-
200
mA
Ptot
total power dissipation
Tamb ≤ 25 °C
[1]
-
250
mW
Tj
junction temperature
-
150
°C
Tamb
ambient temperature
-55
150
°C
Tstg
storage temperature
-65
150
°C
[1] Device mounted on an FR4 Printed-Circuit Board (PCB), single-sided copper, tin-plated and standard footprint.
9. Thermal characteristics
Table 6. Thermal characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Rth(j-a)
thermal resistance from
junction to ambient
in free air
[1]
-
-
500
K/W
[1] Device mounted on an FR4 PCB, single-sided copper, tin-plated and standard footprint.
10. Characteristics
Table 7. Characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VCB = 60 V; IE = 0 A; Tamb = 25 °C
-
-
10
nA
ICBO
collector-base cut-off
current
VCB = 60 V; IE = 0 A; Tj = 150 °C
-
-
5
µA
IEBO
emitter-base cut-off
current
VEB = 4 V; IC = 0 A; Tamb = 25 °C
-
-
10
nA
hFE
DC current gain
VCE = 10 V; IC = 150 mA; pulsed; tp ≤
300 µs; δ ≤ 0.02; Tamb = 25 °C
170
-
340
VCEsat
collector-emitter
saturation voltage
IC = 300 mA; IB = 30 mA; pulsed; tp ≤
300 µs; δ ≤ 0.02; Tamb = 25 °C
-
-
600
V
Cc
collector capacitance
VCB = 10 V; IE = 0 A; ie = 0 A; f = 1 MHz;
Tamb = 25 °C
-
-
15
pF
fT
transition frequency
VCE = 10 V; IC = 50 mA; f = 100 MHz;
Tamb = 25 °C; pulsed: tp ≤ 300 µs; δ ≤
0.02
180
-
-
MHz
2PD602ASL-Q
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2022. All rights reserved
Product data sheet
12 January 2022
3 / 8



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com