Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2PD602ASL-Q Datasheet(PDF) 1 Page - Nexperia B.V. All rights reserved

Part # 2PD602ASL-Q
Description  50 V, 500 mA NPN general-purpose transistors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

2PD602ASL-Q Datasheet(HTML) 1 Page - Nexperia B.V. All rights reserved

  2PD602ASL-Q Datasheet HTML 1Page - Nexperia B.V. All rights reserved 2PD602ASL-Q Datasheet HTML 2Page - Nexperia B.V. All rights reserved 2PD602ASL-Q Datasheet HTML 3Page - Nexperia B.V. All rights reserved 2PD602ASL-Q Datasheet HTML 4Page - Nexperia B.V. All rights reserved 2PD602ASL-Q Datasheet HTML 5Page - Nexperia B.V. All rights reserved 2PD602ASL-Q Datasheet HTML 6Page - Nexperia B.V. All rights reserved 2PD602ASL-Q Datasheet HTML 7Page - Nexperia B.V. All rights reserved 2PD602ASL-Q Datasheet HTML 8Page - Nexperia B.V. All rights reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
2PD602ASL-Q
50 V, 500 mA NPN general-purpose transistors
12 January 2022
Product data sheet
1. General description
NPN general-purpose transistors in a small SOT23 (TO-236AB) Surface-Mounted Device (SMD)
plastic package.
2. Features and benefits
• General-purpose transistors
• Three current gain selections
• Small SMD plastic package
• Qualified according to AEC-Q101 and recommended for use in automotive applications
3. Applications
• General-purpose switching and amplification
4. Quick reference data
Table 1. Quick reference data
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VCEO
collector-emitter
voltage
open base
-
-
50
V
IC
collector current
-
-
500
mA
hFE
DC current gain
VCE = 10 V; IC = 150 mA; pulsed; tp ≤
300 µs; δ ≤ 0.02; Tamb = 25 °C
170
-
340


Similar Part No. - 2PD602ASL-Q

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
2PD602ASL NXP-2PD602ASL Datasheet
57Kb / 9P
50 V, 500 mA NPN general-purpose transistors
Rev. 01-27 October 2008
logo
Nexperia B.V. All right...
2PD602ASL NEXPERIA-2PD602ASL Datasheet
614Kb / 9P
50 V, 500 mA NPN general-purpose transistors
Rev. 01 - 27 October 2008
logo
NXP Semiconductors
2PD602ASL/DG NXP-2PD602ASL/DG Datasheet
57Kb / 9P
50 V, 500 mA NPN general-purpose transistors
Rev. 01-27 October 2008
logo
Nexperia B.V. All right...
2PD602ASL/DG NEXPERIA-2PD602ASL/DG Datasheet
614Kb / 9P
50 V, 500 mA NPN general-purpose transistors
Rev. 01 - 27 October 2008
More results

Similar Description - 2PD602ASL-Q

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
2PD602ASL NXP-2PD602ASL Datasheet
57Kb / 9P
50 V, 500 mA NPN general-purpose transistors
Rev. 01-27 October 2008
2PB710ARL NXP-2PB710ARL Datasheet
64Kb / 9P
50 V, 500 mA PNP general-purpose transistors
Rev. 01-29 October 2008
BC817 NXP-BC817 Datasheet
245Kb / 19P
45 V, 500 mA NPN general-purpose transistors
Rev. 06-17 November 2009
logo
Nexperia B.V. All right...
2PB710AXL NEXPERIA-2PB710AXL Datasheet
615Kb / 9P
50 V, 500 mA PNP general-purpose transistors
Rev. 01 - 29 October 2008
2PD602AXL NEXPERIA-2PD602AXL Datasheet
614Kb / 9P
50 V, 500 mA NPN general-purpose transistors
Rev. 01 - 27 October 2008
BC816_SER NEXPERIA-BC816_SER Datasheet
249Kb / 12P
80 V, 500 mA NPN general-purpose transistors
Rev. 2 - 5 November 2019
BC817-25QA NEXPERIA-BC817-25QA Datasheet
879Kb / 15P
45 V, 500 mA NPN general-purpose transistors
Rev. 1 - 3 September 2013
BC817QB-Q_SER NEXPERIA-BC817QB-Q_SER Datasheet
331Kb / 14P
45 V, 500 mA NPN general-purpose transistors
Rev. 2 - 4 May 2021
BC817QC-Q_SER NEXPERIA-BC817QC-Q_SER Datasheet
334Kb / 14P
45 V, 500 mA NPN general-purpose transistors
Rev. 2 - 4 May 2021
2PB710ASL-Q NEXPERIA-2PB710ASL-Q Datasheet
183Kb / 8P
50 V, 500 mA PNP general-purpose transistors
3 January 2022
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com